Electronic Components Datasheet Search
  English  ▼

X  

QTH Datasheet(PDF) 7 Page - Samtec, Inc

Part # QTH
Description  0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QTH Datasheet(HTML) 7 Page - Samtec, Inc

  QTH Datasheet HTML 1Page - Samtec, Inc QTH Datasheet HTML 2Page - Samtec, Inc QTH Datasheet HTML 3Page - Samtec, Inc QTH Datasheet HTML 4Page - Samtec, Inc QTH Datasheet HTML 5Page - Samtec, Inc QTH Datasheet HTML 6Page - Samtec, Inc QTH Datasheet HTML 7Page - Samtec, Inc QTH Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Product Specification
Series: QSH / QTH 0,50 mm
(.0197”) Q Strip
® High Speed Ground Plane Socket / Terminal Strips
Revision: C
Date: November 11, 2015
© Samtec, Inc.
Page 7
7.4 Maximum Reflow Passes: The parts can withstand three reflow passes at a maximum component temperature of
260°C.
7.5 Stencil Thickness:
The recommended stencil thickness is .006” (0,15 mm).
7.6 Placement: Machine placement of the parts is recommended.
7.7 Reflow Environment: Samtec recommends the use of a low level oxygen environment (typically achieved through
Nitrogen gas infusion) in the reflow process to improve solderability
.
7.8 Rework Guidelines: Samtec recommends following these rework guidelines as needed
: QXX/BXX Connector
Rework Methods
7.9 Hardware: Board-to-board standoffs are recommended to provide a robust mechanical connection. Samtec offers
two different types:
7.9.1
Traditional Standoffs (SO)
– Rigid design to statically support board-to-board applications. See
options here:
SO - Board Stacking Standoff
7.9.2
Jack Screw Standoffs (JSO)
– Serve same function as traditional standoffs but unique, nested
construction facilitates the mating and unmating process. This is especially helpful for multiple
connector applications where the mating and unmating forces increase with the number of
connectors used. See options here:
JSO - Jack Screw Standoffs
7.10 Cleaning: Samtec, Inc. has verified that our connectors may be cleaned in accordance with the solvents and
conditions designated in the EIA-364-11A standard.
8.0 DIRECTION OF BOARD TRAVEL THROUGH REFLOW OVEN
8.1 To minimize the potential for connector warpage, Samtec recommends the layout configuration shown below left.
This allows the connectors to heat more evenly.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com