Electronic Components Datasheet Search
  English  ▼

X  

QTH Datasheet(PDF) 1 Page - Samtec, Inc

Part # QTH
Description  0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QTH Datasheet(HTML) 1 Page - Samtec, Inc

  QTH Datasheet HTML 1Page - Samtec, Inc QTH Datasheet HTML 2Page - Samtec, Inc QTH Datasheet HTML 3Page - Samtec, Inc QTH Datasheet HTML 4Page - Samtec, Inc QTH Datasheet HTML 5Page - Samtec, Inc QTH Datasheet HTML 6Page - Samtec, Inc QTH Datasheet HTML 7Page - Samtec, Inc QTH Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Specification
Series: QSH / QTH 0,50 mm
(.0197”) Q Strip
® High Speed Ground Plane Socket / Terminal Strips
Revision: C
Date: November 11, 2015
© Samtec, Inc.
Page 1
QSH Series
– Socket, Vertical Orientation
QTH Series
– Terminal, Vertical Orientation
Other configurations available for:
Co-planar and perpendicular board-to-board applications
Rugged features / end options
Packaging options
See www.samtec.com for more information.


Similar Part No. - QTH

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QTH-020-01-F-D-DP-A SAMTEC-QTH-020-01-F-D-DP-A Datasheet
186Kb / 1P
0,50MM DIFFERENTIAL PAIR
QTH-030-01-L-D-A SAMTEC-QTH-030-01-L-D-A Datasheet
577Kb / 1P
HIGH SPEED GROUND PLANE HEADER
QTH-030-02-L-D-A SAMTEC-QTH-030-02-L-D-A Datasheet
1Mb / 6P
.5mm DOUBLE ROW HS TERMINAL ASSEMBLY
QTH-040-01-F-D-DP-A SAMTEC-QTH-040-01-F-D-DP-A Datasheet
113Kb / 2P
RECOMMENDED PCB LAYOUT
QTH-040-01-L-D-DP-A SAMTEC-QTH-040-01-L-D-DP-A Datasheet
299Kb / 1P
HIGH-SPEED GROUND PLANE HEADER
More results

Similar Description - QTH

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QSH-090-01-L-D-A-K SAMTEC-QSH-090-01-L-D-A-K Datasheet
1Mb / 1P
HIGH SPEED GROUND PLANE SOCKET
QSE-020-01-L-D-A SAMTEC-QSE-020-01-L-D-A Datasheet
1Mb / 1P
HIGH SPEED GROUND PLANE SOCKET
QSH-040-01-L-D-DP-A SAMTEC-QSH-040-01-L-D-DP-A Datasheet
1Mb / 1P
HIGH SPEED GROUND PLANE SOCKET
ERF5 SAMTEC-ERF5 Datasheet
682Kb / 8P
0,50 mm (.0197?? Edge Rate??Rugged High Speed Socket / Terminal Strip
QFS SAMTEC-QFS Datasheet
869Kb / 8P
0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QMS SAMTEC-QMS Datasheet
869Kb / 8P
0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QSE SAMTEC-QSE Datasheet
603Kb / 8P
0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH SAMTEC-QSH Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH-RA SAMTEC-QSH-RA Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QTE SAMTEC-QTE Datasheet
603Kb / 8P
0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com