Electronic Components Datasheet Search
  English  ▼

X  

LM5041 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5041
Description  Cascaded PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5041 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5041 Datasheet HTML 7Page - Texas Instruments LM5041 Datasheet HTML 8Page - Texas Instruments LM5041 Datasheet HTML 9Page - Texas Instruments LM5041 Datasheet HTML 10Page - Texas Instruments LM5041 Datasheet HTML 11Page - Texas Instruments LM5041 Datasheet HTML 12Page - Texas Instruments LM5041 Datasheet HTML 13Page - Texas Instruments LM5041 Datasheet HTML 14Page - Texas Instruments LM5041 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
K1 * RSET
PUSH
DEADTIME
WAVEFORMS
PULL
PUSH
PULL
K1 * RSET
K2 * RSET
K2 * RSET
OVERLAP
WAVEFORMS
LM5041
www.ti.com
SNVS248D – AUGUST 2003 – REVISED MARCH 2013
Push-Pull Outputs
The push pull outputs operate continuously at a nominal 50% duty cycle. A distinguishing feature of the LM5041
is the ability to accurately configure either dead time (both-off) or overlap time (both-on) on the complementary
push-pull outputs. The overlap/dead time magnitude is controlled by a resistor connected to the TIME pin on the
controller. The TIME pin holds one end of the resistor at 2.5V and the other end of the resistor should be
connected to either REF for dead time control setting or to GND for overlap control. The polarity of the current in
the TIME is detected by the LM5041 The magnitude of the overlap/dead time can be calculated as follows:
•
Overlap Time (ns) = (3.66 x RSET) + 7
•
Overlap Time in ns, RSET connected to GND, RSET in kΩ
•
Dead Time (ns) = (3.69 x RSET) + 21
•
Dead Time in ns, RSET connected to REF, RSET in kΩ
•
Recommended RSET programming range: 10kΩ to 100kΩ
Current-fed designs require a period of overlap to insure there is a continuous path for the buck inductor current.
Voltage-fed designs require a period of dead time to insure there is no time when the push-pull transformer acts
as a shorted turn to the low impedance sourcing node. The push-pull outputs alternate continuously under all
conditions provided REF the voltage is greater than 3V.
PWM Comparator
The PWM comparator compares the slope compensated current ramp signal to the loop error voltage from the
internal error amplifier (COMP pin). This comparator is optimized for speed in order to achieve minimum
controllable duty cycles. The comparator polarity is such that 0V on the COMP pin will produce zero duty cycle in
the buck stage.
Error Amplifier
An internal high gain wide-bandwidth error amplifier is provided within the LM5041. The amplifier’s non-inverting
input is tied to a 0.75V reference. The inverting input is connected to the FB pin. In non-isolated applications the
power converter output is connected to the FB pin via the voltage setting resistors. Loop compensation
components are connected between the COMP and FB pins. For most isolated applications the error amplifier
function is implemented on the secondary side of the converter and the internal error amp is not used. The
internal error amplifier is configured as an open drain output and can be disabled by connecting the FB pin to
ground. An internal 5k
Ω pull-up resistor between the 5V reference and COMP can be used as the pull-up for an
opto-coupler in isolated applications.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com