Electronic Components Datasheet Search
  English  ▼

X  

LM5041 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5041
Description  Cascaded PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5041 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5041 Datasheet HTML 9Page - Texas Instruments LM5041 Datasheet HTML 10Page - Texas Instruments LM5041 Datasheet HTML 11Page - Texas Instruments LM5041 Datasheet HTML 12Page - Texas Instruments LM5041 Datasheet HTML 13Page - Texas Instruments LM5041 Datasheet HTML 14Page - Texas Instruments LM5041 Datasheet HTML 15Page - Texas Instruments LM5041 Datasheet HTML 16Page - Texas Instruments LM5041 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM5102
PUSH
PULL
33 - 76V
HI
VIN
LM5041
VCC
HD
LD
COMP
VDD
HB
LO
VSS
RT1
LI
RT2
HO
HS
+
+
LM5100
HI
VDD
HB
LO
LI
HO
HS
FEED
BACK
VOUT
L1
T1
T1
LM5041
www.ti.com
SNVS248D – AUGUST 2003 – REVISED MARCH 2013
Soft-start and Shutdown
The soft-start feature allows the power converter to gradually reach the initial steady state operating point,
thereby reducing start-up stresses and surges. At power on, a 10uA current is sourced out of the soft-start pin
(SS) to charge an external capacitor. The capacitor voltage will ramp up slowly and will limit the maximum duty
cycle of the buck stage. In the event of a fault as indicated by VCC Under-voltage, line Under-voltage or second
level current limit, the output drivers are disabled and the soft-start capacitor is discharged to ground. When the
fault condition is no longer present, a soft-start sequence will begin again and buck stage duty cycle will
gradually increase as the soft-start capacitor is charged. The SS pin also serves as an enable input. The
controller will enter a low power state if the SS pin is forced below the 0.45V threshold.
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When activated, typically at 165 degrees Celsius, the controller is forced into a
low-power standby state, disabling the output drivers and the bias regulator. This feature is provided to prevent
catastrophic failures from accidental device overheating.
Typical Application
Figure 13. Simplified Cascaded Half-Bridge
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com