Electronic Components Datasheet Search
  English  ▼

X  

SP6683 Datasheet(PDF) 12 Page - Exar Corporation

Part # SP6683
Description  1X/1.5X High Efficiency Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6683 Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP6683 Datasheet HTML 6Page - Exar Corporation SP6683 Datasheet HTML 7Page - Exar Corporation SP6683 Datasheet HTML 8Page - Exar Corporation SP6683 Datasheet HTML 9Page - Exar Corporation SP6683 Datasheet HTML 10Page - Exar Corporation SP6683 Datasheet HTML 11Page - Exar Corporation SP6683 Datasheet HTML 12Page - Exar Corporation SP6683 Datasheet HTML 13Page - Exar Corporation SP6683 Datasheet HTML 14Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
Date: 3/31/06 RevG
SP6683 1X/1.5X Charge Pump LED Driver for Flash or Backlight
© Copyright 2006 Sipex Corporation
APPLICATION INFORMATION
C2
1uF
Vin: 3. 0 - 4.2V
D1
LumiLED
C4
1uF
R3
1.0M
C5
2.2uF
FLASH
200mA
SHDN
Rb
1.5 Oh m, 0603
SP6683
Vou t
1
C1P
2
C2N
7
EN/ PWM
6
FB
5
Vmode
4
Vin
3
GND
8
C1N
9
C2P
10
C1
2.2uF
R1
205K
R2
100K
R1 = (Vthres /1.25 - 1)*R2
R1 = 174K for 100mA Vthres = 3.4V
R1 = 205K for 200mA Vthres = 3.8V
SP6683 Li-Ion Input in 1x to 1.5X mode to LumiLED PWF1
Output Current: 1X-1.5X Cin = Cout = 2.2uF
0
50
100
150
200
250
300
350
400
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Iout = 200mA
Efficiency: 1X-1.5X Cin = Cout = 2.2uF
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Iout = 200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com