Electronic Components Datasheet Search
  English  ▼

X  

SP6683 Datasheet(PDF) 7 Page - Exar Corporation

Part # SP6683
Description  1X/1.5X High Efficiency Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6683 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP6683 Datasheet HTML 3Page - Exar Corporation SP6683 Datasheet HTML 4Page - Exar Corporation SP6683 Datasheet HTML 5Page - Exar Corporation SP6683 Datasheet HTML 6Page - Exar Corporation SP6683 Datasheet HTML 7Page - Exar Corporation SP6683 Datasheet HTML 8Page - Exar Corporation SP6683 Datasheet HTML 9Page - Exar Corporation SP6683 Datasheet HTML 10Page - Exar Corporation SP6683 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Date: 3/31/06 RevG
SP6683 1X/1.5X Charge Pump LED Driver for Flash or Backlight
© Copyright 2006 Sipex Corporation
APPLICATION INFORMATION
Camera Flash Application
Camera Flash/Torch Application
Configuring as Cellphone Camera
Flash Driver
SP6683 is capable of delivering up to 200mA
current, which is perfect to drive the most
common LEDs in today's market.
It is
designed to work in the cell phone camera
flash which powers up directly from the
Lithium-Ion battery.
Configuring as LCD Backlight
The SP6683 is able to efficiently drive up to
eight
20mA white LEDs in parallel and
maintain a constant brightness over a very
wide operating voltage range (2.7V to 5.5V)
Programming X1 or X1.5 Operating Mode
For simplest application circuitry, SP6683's
mode can be fixed by connecting VMODE to VIN
for X1 mode or connecting VMODE to GND for
X1.5 mode.
The SP6683 can automatically
change from X1 mode to X1.5 to maximize
efficiency. To use this feature, divider resistors
should be chosen according to the specific ap-
plication, as shown below.
V
IN
V
IN
C2
GND
4
V
MODE
R1
SP6683
8
R2
3
Programming the Vmode Resistors
Configuring as Camera Flash + Torch Driver
The SP6683 can be configured as a flash/
torch LED driver which in some applications
require constant torch current used for mo-
tion pictures (i.e. movie mode).
LCD Backlight Application
SP6683
1 Vout
C1P
2
Vin
3
Vmode
4
FB
5
10
C2P
C1N 9
GND 8
C2N 7
EN/PWM 6
EN/PWM
C1
2.2uF
6.3V/0603
C2
1uF
6.3V/0603
C4
6.3V/0603
C3
1uF
6.3V/0603
LED1
Rb
1.5 ohm
1% / 0603
Vin
2.7V~4.2V
Io=Vfb/Rb
2.2uF
SP6683
VOUT
C1P
VIN
VMODE
FB
®
C2P
C1N
GND
C2N
EN/PWM
1
2
3
4
5
10
9
8
7
6
C2
1µF
C4
1µF
C5
1µF
R6
20
C1
1µF
Lithium
-Ion
ENABLE
White
LED
20
2.7 -
4.2V
SP6683
VOUT
C1P
VIN
VMODE
FB
®
C2P
C1N
GND
C2N
EN/PWM
1
2
3
4
5
10
9
8
7
6
C2
C4
C5
RB1
C1
Lithium
Ion
ENABLE
D1
White
LED
R1
1M
Ω
3.0 - 4.2V
RB2
R2
1M
Ω
FLASH
1µF
2.2µF
1µF
2.2µF
Torch Mode: Vf=3.2V , Enable = High, FLASH = Low.
Flash Mode: Vf=3.3V, Enable = High, FLASH = High.
0
50
100
150
200
250
300
350
400
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash Mode
Torch Mode
Figure 13. I
OUT vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com