Electronic Components Datasheet Search
  English  ▼

X  

SP7650 Datasheet(PDF) 14 Page - Exar Corporation

Part # SP7650
Description  Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7650 Datasheet(HTML) 14 Page - Exar Corporation

Back Button SP7650 Datasheet HTML 8Page - Exar Corporation SP7650 Datasheet HTML 9Page - Exar Corporation SP7650 Datasheet HTML 10Page - Exar Corporation SP7650 Datasheet HTML 11Page - Exar Corporation SP7650 Datasheet HTML 12Page - Exar Corporation SP7650 Datasheet HTML 13Page - Exar Corporation SP7650 Datasheet HTML 14Page - Exar Corporation SP7650 Datasheet HTML 15Page - Exar Corporation SP7650 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image

Date: /5/06
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
14
Date: 2/16/06
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
SP7650 Effi. v.s Iout Plots @
Vin=12V, and Vout=3.3V
70.0
75.0
80.0
85.0
90.0
95.0
0.5
1.0
1.5
2.0
2.5
3.0
Load Current (A)
SP7650 Vout v.s Iout Plots @
Vin=12V, and Vout=3.3V
3.3
3.31
3.32
3.33
3.34
0
0.5
1.0
1.5
2.0
2.5
3.0
Load Current (A)
SP7650 Effi. v.s Iout Plots @
Vin=12V, and Vout=5.0V
74.0
76.0
78.0
80.0
82.0
84.0
86.0
88.0
90.0
92.0
94.0
0.5
1.0
1.5
2.0
2.5
3.0
Load Current (A)
SP7650 Vout v.s Iout Plots @
Vin=12V, and Vout=5.0V
4.9650
4.9660
4.9670
4.9680
4.9690
4.9700
4.9710
0
0.5
1.0
1.5
2.0
2.5
3.0
Load Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com