Electronic Components Datasheet Search
  English  ▼

X  

SP7650 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP7650
Description  Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7650 Datasheet(HTML) 3 Page - Exar Corporation

  SP7650 Datasheet HTML 1Page - Exar Corporation SP7650 Datasheet HTML 2Page - Exar Corporation SP7650 Datasheet HTML 3Page - Exar Corporation SP7650 Datasheet HTML 4Page - Exar Corporation SP7650 Datasheet HTML 5Page - Exar Corporation SP7650 Datasheet HTML 6Page - Exar Corporation SP7650 Datasheet HTML 7Page - Exar Corporation SP7650 Datasheet HTML 8Page - Exar Corporation SP7650 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Date: /5/06
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
3
Date: 2/16/06
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: -40°C < TAMB < 85°C, -40°C< Tj< 125°C, 4.5V < VCC < 5.5V, 3V< Vin< 28V, BST=LX + 5V,
LX = GND = 0.0V, UVIN = 3.0V, CVCC = 1µF, CCOMP = 0.1µF, CSS = 50nF, Typical measured at VCC = 5V.
The denotes the specifications which apply over the full temperature range, unless otherwise specified.
PARAMETER
MIN. TYP. MAX.
UNITS
CONDITIONS
CONTROL LOOP: PWM COMPARATOR, RAMP & LOOP DELAY PATH
Ramp Amplitude
0.92
1.1
1.28
V
RAMP Offset
1.1
V
T
A = 25˚C, RAMP COMP
until GH starts Switching
RAMP offset Temp. Coefficient
-2
mV/˚C
GH Minimum Pulse Width
90
180
ns
Maximum Controllable Duty Ratio
92
97
%
Maximum Duty Ratio Measured
just before pulsing begins
Maximum Duty Ratio
100
%
Valid for 20 cycles
Internal Oscillator Ratio
240
300
360
kHz
TIMERS: SOFTSTART
SS Charge Current:
10
µA
SS Discharge Current:
1
mA
Fault Present, SS = 0.2V
PROTECTION: SHORT CIRCUIT & THERMAL
Short Circuit Threshold Voltage
0.2
0.25
0.3
V
Measured VREF (0.8V) - VFB
Hiccup Timeout
200
ms
VFB = 0.5V
Number of Allowable Clock Cycles
at 100% Duty Cycle
20
Cycles
Minimum GL Pulse After 20 Cycles
0.5
Cycles
VFB = 0.7V
Thermal Shutdown Temperature
145
˚C
V
FB = 0.7V
Thermal Recovery Temperature
135
˚C
Thermal Hysteresis
10
˚C
OUTPUT: POWER STAGE
High Side Switch R
DSON
40
mΩ
VCC = 5V ; I
OUT = 3A; TAMB = 25˚C
Synchrous Lowside Switch R
DSON
40
mΩ
VCC = 5V ; I
OUT = 3A ; TAMB = 25˚C
Maximum Output Current
3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com