Electronic Components Datasheet Search
  English  ▼

X  

SP7651 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP7651
Description  900kHz Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7651 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP7651 Datasheet HTML 2Page - Exar Corporation SP7651 Datasheet HTML 3Page - Exar Corporation SP7651 Datasheet HTML 4Page - Exar Corporation SP7651 Datasheet HTML 5Page - Exar Corporation SP7651 Datasheet HTML 6Page - Exar Corporation SP7651 Datasheet HTML 7Page - Exar Corporation SP7651 Datasheet HTML 8Page - Exar Corporation SP7651 Datasheet HTML 9Page - Exar Corporation SP7651 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Rev J: 3/4/07
SP765 Wide Input Voltage Range 3A, 900kHz, Buck Regulator
© Copyright 2007 Sipex Corporation
THEORY OF OPERATION
current- limited (+/-50µA) transconduc-
tance, there are many ways to compensate
the voltage loop or to control the COMP pin
externally. Ifasimple,singlepole,singlezero
response is desired, then compensation can
be as simple as an RC circuit to Ground. If
a more complex compensation is required,
then the amplifier has enough bandwidth
(45° at 4 MHz) and enough gain (60dB) to
run Type III compensation schemes with ad-
equate gain and phase margins at crossover
frequencies greater than 50kHz.
The common mode output of the error am-
plifier is 0.9V to 2.2V. Therefore, the PWM
voltageramphasbeensetbetween.Vand
2.2Vto ensure proper0% to 100% dutycycle
capability. The voltage loop also includes
two other very important features. One is
asynchronous startup mode. Basically, the
synchronous rectifier cannot turn on unless
the high side NFET has attempted to turn
on or the SS pin has exceeded .7V. This
featurepreventsthecontrollerfrom“dragging
down” the output voltage during startup or in
fault modes. The second feature is a 100%
dutycycletimeoutthatensuressynchronized
refreshing of the BST capacitor at very high
duty ratios. In the event that the high side
NFET is on for 20 continuous clock cycles,
a reset is given to the PWM flip-flop half
way through the 21st cycle. This forces GL
to rise for the cycle, in turn refreshing the
BST capacitor.
Power MOSFETs
TheSP765containsapairofintegratedlow
resistance N MOSFETs designed to drive
up to 3A of output current. Maximum output
currentcouldbelimitedbythermallimitations
of a particular application. The SP765
incorporates a built-in over-temperature
protection to prevent internal overheating.
GH
Voltage
GL
Voltage
V(V IN)
0V
-0V
-V(Diode) V
V(V IN)+V(V CC )
BST
Voltage
V(V CC )
TIME
SWN
Voltage
VBST
VSWN
V(V CC)
The SP765 can be set to different output
voltages. The relationship in the following
formula is based on a voltage divider from
the output to the feedback pin VFB, which is
set to an internal reference voltage of 0.80V.
Standard 1% metal film resistors of surface
mount size 0603 are recommended.
Vout = 0.80V ( R / R2 +  ) =>
Where R1 = 68.1KΩ and for Vout = 0.80V
setting, simply remove R2 from the board.
Furthermore, one could select the value
of the R and R2 combination to meet the
exact output voltage setting by restricting
R1 resistance range such that 50KΩ < R1 <
100KΩ for overall system loop stability.
Setting Output Voltages
R
[(Vout /0.80V) -]
R2=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com