Electronic Components Datasheet Search
  English  ▼

X  

SP7651 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP7651
Description  900kHz Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7651 Datasheet(HTML) 1 Page - Exar Corporation

  SP7651 Datasheet HTML 1Page - Exar Corporation SP7651 Datasheet HTML 2Page - Exar Corporation SP7651 Datasheet HTML 3Page - Exar Corporation SP7651 Datasheet HTML 4Page - Exar Corporation SP7651 Datasheet HTML 5Page - Exar Corporation SP7651 Datasheet HTML 6Page - Exar Corporation SP7651 Datasheet HTML 7Page - Exar Corporation SP7651 Datasheet HTML 8Page - Exar Corporation SP7651 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image

Rev J: 3/4/07
SP765 Wide Input Voltage Range 3A, 900kHz, Buck Regulator
© Copyright 2007 Sipex Corporation
FEATURES
• 2.5V to 20V Step Down Achieved Using Dual Input
• Output Voltage down to 0.8V
• 3A Output Capability (Up to 5A with Air Flow)
• Built in Low RDSON Power FETs (40 mΩ typ)
• Highly Integrated Design, Minimal Components
• 900 kHz Fixed Frequency Operation
• UVLO Detects Both VCC and VIN
• Over Temperature Protection
• Short Circuit Protection with Auto-Restart
• Wide BW Amp Allows Type II or III Compensation
• Programmable Soft Start
• Fast Transient Response
• High Efficiency: Greater than 92% Possible
• Asynchronous Start-Up into a Pre-Charged Output
• Small 7mm x 4mm DFN Package
• U.S. Patent #6,922,04
The SP7651 is a high voltage synchronous step-down switching regulator optimized for high efficiency. The part
is designed to be especially attractive for dual supply, 2V step down with 5V used to power the controller. This
lower VCC voltage minimizes power dissipation in the part. The SP765 is designed to provide a fully integrated
buck regulator solution using a fixed 900kHz frequency, PWM voltage mode architecture. Protection features
include UVLO, thermal shutdown and output short circuit protection. The SP765 is available in the space saving
7mm X 4mm DFN package
.
TYPICAL APPLICATION CIRCUIT
DESCRIPTION
CBST
6800pF
L
4.7uH, Irate=3.87A
C
22uF
CVCC
2.2uF
U
SP7651
PGND

PGND
2
PGND
3
GND
4
VFB
5
COMP
6
UVIN
7
GND
8
SS
9
VIN
0
VIN

VIN
2
VIN
3
LX
4
LX
5
LX
6
NC
7
BST
8
GND
9
GND
20
GND
2
VCC
22
LX
23
LX
24
LX
25
LX
26
DBST
CSS
5nF
CP
22pF
3.3V
0-3A
RSET
2.5kΩ,%
GND
C3
22uF
Notes:
12V
VIN
1. U1 Bottom-Side Layout should
have three contacts isolated from
one another: Vin, SWNODE, and GND.
SD101AWS
VOUT
Rz3
7.5kΩ,
1%
Cz3
50pF
Cz2
,000pF
R
68.kΩ,%
Rz2
5k,1%
CF
00pF
fs=900Khz
+5V
VCC
ENABLE
2. RSET=54.48/(Vout-0.8V) (KOhm)
6.3V
(note 2)
16V
Solved by
TM
SP7651
Wide Input Voltage Range 3Amp
900kHz Buck Regulator
SP7651
DFN PACKAGE
7mm x 4mm
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect to VIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
PGND
PGND
PGND
GND
VFB
COMP
UVIN
GND
SS
VIN
VIN
VIN
VIN
LX
LX
LX
LX
VCC
GND
GND
GND
BST
NC
LX
LX
LX
Pin 27
Pin 28
Pin 29
Solved by
TM


Similar Part No. - SP7651

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7651 SIPEX-SP7651 Datasheet
1Mb / 15P
Wide Input Voltage Range 3Amp 900kHz Buck Regulator
SP7651 SIPEX-SP7651 Datasheet
314Kb / 8P
Evaluation Board Manual
SP7651EB SIPEX-SP7651EB Datasheet
314Kb / 8P
Evaluation Board Manual
SP7651ER SIPEX-SP7651ER Datasheet
1Mb / 15P
Wide Input Voltage Range 3Amp 900kHz Buck Regulator
More results

Similar Description - SP7651

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
Wide Input Voltage Range 3A, 900kHz, Buck Regulator
logo
Taiwan Semiconductor Co...
TS650 TSC-TS650 Datasheet
55Kb / 4P
Buck Switching Regulator
logo
Sipex Corporation
SP7651 SIPEX-SP7651_07 Datasheet
1Mb / 15P
Wide Input Voltage Range 3Amp 900kHz Buck Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Sanken electric
NR121E SANKEN-NR121E Datasheet
552Kb / 12P
Buck Regulator
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
Synchronous Buck Regulator
logo
Exar Corporation
SP7650 EXAR-SP7650 Datasheet
1Mb / 16P
Buck Regulator
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
Synchronous Buck Regulator
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com