Electronic Components Datasheet Search
  English  ▼

X  

SP6652EB Datasheet(PDF) 12 Page - Exar Corporation

Part # SP6652EB
Description  1A, High Efficiency, Fixed 1.4 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6652EB Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP6652EB Datasheet HTML 8Page - Exar Corporation SP6652EB Datasheet HTML 9Page - Exar Corporation SP6652EB Datasheet HTML 10Page - Exar Corporation SP6652EB Datasheet HTML 11Page - Exar Corporation SP6652EB Datasheet HTML 12Page - Exar Corporation SP6652EB Datasheet HTML 13Page - Exar Corporation SP6652EB Datasheet HTML 14Page - Exar Corporation SP6652EB Datasheet HTML 15Page - Exar Corporation SP6652EB Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image

Oct10-07 RevJ
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Vo(AC)
200mV/div
IL1
(0.5A/div)
Iout
(1.0A/div)
Vo(AC)
200mV/div
IL1
(0.5A/div)
Iout
(0.5A/div)
Figure 11. 0mA to 600mA
Load Step Data
Vin=4.2V, Vo=3.3V
Rz=4kW, Cz=10nF, L1=4.7uH
Figure 12. 0mA to 600mA
Load Step Data
Vin=4.2V, Vo=1.5V
Rz=2kW, Cz=10nF,
L1=4.7uH
Figure 13. 0mA to 600mA
Load Step Data
Vin=4.2V, Vo=2.5V
Rz=4kW, Cz=10nF,
L1=4.7uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com