Electronic Components Datasheet Search
  English  ▼

X  

SP6652EB Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6652EB
Description  1A, High Efficiency, Fixed 1.4 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6652EB Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6652EB Datasheet HTML 2Page - Exar Corporation SP6652EB Datasheet HTML 3Page - Exar Corporation SP6652EB Datasheet HTML 4Page - Exar Corporation SP6652EB Datasheet HTML 5Page - Exar Corporation SP6652EB Datasheet HTML 6Page - Exar Corporation SP6652EB Datasheet HTML 7Page - Exar Corporation SP6652EB Datasheet HTML 8Page - Exar Corporation SP6652EB Datasheet HTML 9Page - Exar Corporation SP6652EB Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Oct10-07 RevJ
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
when the output voltage is low. The inductor
current tends to rise until the energy loss
from the discharge resistances are equal to
the energy gained during the charge phase.
For this reason, the clock frequency is cut in
half when the feedback pin is below 0.3V, ef-
fectively reducing the minimum duty cycle in
half.Above V(FB) = 0.3V the clock frequency
is normal (see Typical Operating Character-
istics: Inductor Current vs. VOUT)
Voltage Loop and Compensation
in PWM Mode
The voltage loop section of the circuit con-
sists of the error amplifier and the translator
circuits (see functional diagram). The input
of the voltage loop is the 0.8V reference volt-
age minus the divided down output voltage
at the feedback pin. The output of the error
amplifier is translated from a ground referred
signal (the COMP node) to a power input
voltage referred signal. The output of the
voltage loop is fed to the positive terminal
of the Current Loop comparator, and repre-
sents the peak inductor current necessary
to close the loop.
The total power supply loop is compensated
with a series RC network connected from
the COMP pin to ground. Compensation is
simple due to current-mode control. The
modulator has two dominant poles: one at a
low frequency, and one above the crossover
frequency of the loop, as seen in the graph
below, Linearized Modulator Frequency
Response vs. Inductor Value.
The low frequency pole for L1= 5µH is
4kHz, the second pole is 500kHz, and the
gain-bandwidth is 20kHz. The total loop
crossoverfrequencyischosentobe200kHz,
which is 1/6th of the clock frequency. This
sets the second modulator pole at 2.5 times
the crossover frequency. Therefore the gain
of the error amplifier can be 200kHz/20kHz
= 10 at the first modulator pole of 4kHz. The
error amp transconductance is 1mA/V, so
this sets the RZ resistor value in the com-
pensation network at 10/1mA/V = 10kΩ.
The zero frequency is placed at the first
pole to provide at total system response of
-20dB/decade (the zero from the error amp
cancels the first modulator pole, leaving the
L1VAL
2u
3u
4u
5u
6u
7u
8u
9u
10u
Mod_pole1
Mod_pole2
Gbw_modfb
0
4K
8K
12K
16K
20K
1
0
0.4M
0.8M
1.2M
1.6M
2.0M
2
0
10K
20K
30K
40K
50K
3
>>
1
2
3
Conditions: VIN=5V, VOUT=3.3V, fCLK=1.4MHz, COUT=10µF, and MCV=132mV/µs. The inductor is varied from
2µH to 10µH
Linearized Modulator Frequency Response vs. Inductor
DetaileD Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com