Electronic Components Datasheet Search
  English  ▼

X  

SPX1521 Datasheet(PDF) 3 Page - Exar Corporation

Part # SPX1521
Description  300mA Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1521 Datasheet(HTML) 3 Page - Exar Corporation

  SPX1521 Datasheet HTML 1Page - Exar Corporation SPX1521 Datasheet HTML 2Page - Exar Corporation SPX1521 Datasheet HTML 3Page - Exar Corporation SPX1521 Datasheet HTML 4Page - Exar Corporation SPX1521 Datasheet HTML 5Page - Exar Corporation SPX1521 Datasheet HTML 6Page - Exar Corporation SPX1521 Datasheet HTML 7Page - Exar Corporation SPX1521 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
May5-07
SPX52300mALowDropoutVoltageRegulator
©2007SipexCorporation
External Capacitors
The stability of the SPX52 requires a
2.2µForgreatercapacitorbetweenoutput
andground.Oscillationcouldoccurwithout
this capacitor.Most types of tantalum or
aluminum electrolytic works fine here. For
operationsofbelow-25°Csolidtantalumis
recommended since the many aluminum
typeshaveelectrolytesthatfreezeatabout
-30°C. The ESR of about 5Ω or less and
resonantfrequencyabove500kHzarethe
mostimportantparametersinthevalueof
thecapacitor.Thecapacitorvaluecanbe
increasedwithoutlimit.
The SPX52, unlike other low dropout
regulatorswillremainstableandinregula-
tionwithnoloadinadditiontotheinternal
voltage divider.This feature is especially
important in applications like CMOS RAM
keep-alive.
Ifthereismorethan0inchesofwirebe-
tween the input and the AC filter capacitor,
orifabatteryisusedastheinput,thena
0.µF tantalum or aluminum electrolytic
capacitorshouldbeplacedfromtheinput
totheground.
Reducing Output Noise
ItmaybeanadvantagetoreducetheAC
noisepresentattheoutput.Onewayistore-
ducetheregulatorbandwidthbyincreasing
thesizeoftheoutputcapacitor.Increasing
thecapacitorfromµFto220µFonlyde-
creasesthenoisefrom430µVto60µVrms
fora00kHzbandwidthat5Voutput.
APPLICATION INFORMATION
Top View
SPX1521
1
3
2
SOT-223 (M3)
Top View
TO-263-3 (T)
1
SPX1521
2
3
Front View
TO-220-3 (U)
SPX1521
1
2 3
Front View
TO-252 (R)
3
2
1
V
IN GND VOUT
V
OUT GND VIN
VOUT GND VIN
V
OUT
GND
VIN
PINOUTS
Note:TabisconnectedtoGND
ThermalResistance(ThetaJA)
SOT-223------62.3ºC/W
TO-262------3.4ºC/W
TO-220------29.4ºC/W
TO-252------50.0ºC/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com