Electronic Components Datasheet Search
  English  ▼

X  

SPX1521 Datasheet(PDF) 1 Page - Exar Corporation

Part # SPX1521
Description  300mA Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1521 Datasheet(HTML) 1 Page - Exar Corporation

  SPX1521 Datasheet HTML 1Page - Exar Corporation SPX1521 Datasheet HTML 2Page - Exar Corporation SPX1521 Datasheet HTML 3Page - Exar Corporation SPX1521 Datasheet HTML 4Page - Exar Corporation SPX1521 Datasheet HTML 5Page - Exar Corporation SPX1521 Datasheet HTML 6Page - Exar Corporation SPX1521 Datasheet HTML 7Page - Exar Corporation SPX1521 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

May5-07
SPX52300mALowDropoutVoltageRegulator
©2007SipexCorporation
SPX1521
FEATURES
■
%OutputAccuracy3.3V,5V,
at300mAOutput
■
VeryLowQuiescentCurrent
■
0.3V(Typ.)DropoutVoltageat300mA
■
ExtremelyTightLoadandLineRegulation
■
Current&ThermalLimiting
■
ReverseBatteryProtection
■
EquivalentReplacementForLT52
■
AvailableinRoHSCompliant,LeadFreePackages:
TO-252,SOT-223,TO-220&TO-263
TheSPX52isalowpowervoltageregulator.Thisdeviceisanexcellentchoiceforuseinbattery-
poweredapplicationssuchascordlesstelephones,radiocontrolsystems,andportablecomputers.
TheSPX52featuresverylowquiescentcurrentandverylowdropoutvoltage.Thisincludesatight
initial tolerance of ±1% max, and very low output temperature coefficient, making the SPX1521 useful
asalow-powervoltagereference.
TheSPX52isofferedin3pinTO-252,SOT-223,TO-220&TO-263packages.
300mA Low Dropout Voltage Regulator
DESCRIPTION
+
2.2µF
+
SPX1521
I
IN
I
G
I
L
5V
IN
OUT
GND
LOAD
I
IN = IL + IG
V
OUT
0.1µF
TYPICAL APPLICATIONS CIRCUIT
1
2
3
SPX1521
3 Pin TO-263
GND VIN
V
OUT
Solved by
TM


Similar Part No. - SPX1521

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
300mA Low Dropout Voltage Regulator
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
300mA Low Dropout Voltage Regulator
SPX1521 SIPEX-SPX1521 Datasheet
595Kb / 8P
300mA Low Dropout Voltage Regulator
SPX1521M3 SIPEX-SPX1521M3 Datasheet
161Kb / 6P
300mA Low Dropout Voltage Regulator
SPX1521M3-2.5 SIPEX-SPX1521M3-2.5 Datasheet
161Kb / 6P
300mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1521

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
300mA Low Dropout Voltage Regulator
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102_1 Datasheet
171Kb / 8P
300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com