Electronic Components Datasheet Search
  English  ▼

X  

LM5122MHX/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LM5122MHX/NOPB
Description  Wide-Input Synchronous Boost Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5122MHX/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM5122MHX/NOPB Datasheet HTML 33Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 34Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 35Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 36Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 37Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 38Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 39Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 40Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
G
BST
BST
Q
C
F
û9
ª º
¬ ¼
VIN
LM5122
VIN
RVIN
CVIN
2
OUT
RIPPLE _ MAX(CIN)
2
IN
IN
SW
V
24V
V
0.09
32 L
C
f
32 10 +
)
N+]
u
u
u
u
u u
u
V
OUT
RIPPLE _ MAX(COUT)
ESR
IN(MIN)
OUT
SW
OUT
I
1
4.5A
60m
1
V
R
0.252V
V
9V
4 C
f
3
4 3 330 )
N+]
24V
V
§
·
§
·
:
u
u
¨
¸
¨
¸
u
u
u u
u
©
¹
©
¹
37
LM5122, LM5122-Q1
www.ti.com
SNVS954G – FEBRUARY 2013 – REVISED MAY 2016
Product Folder Links: LM5122 LM5122-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Assuming 60 m
Ω of ESR per an output capacitor, the output voltage ripple at the minimum input voltage is
calculated as follows:
(33)
In practice, four 10 µF ceramic capacitors are additionally placed earlier than the bulk aluminum capacitors to
reduce the output voltage ripple and split the output ripple current.
Due to the inherent path from input to output, unlimited inrush current can flow when the input voltage rises
quickly and charges the output capacitor. The slew rate of input voltage rising should be controlled by a hot-swap
or by starting the input power supply softly for the inrush current not to damage the inductor, sense resistor or
high-side N-channel MOSFET switch.
8.2.2.8 Input Capacitor CIN
The input capacitors smooth the input voltage ripple. Assuming high quality ceramic capacitors are used for the
input capacitors, the maximum input voltage ripple which happens when the input voltage is half of the output
voltage can be calculated as follows:
(34)
The value of input capacitor is also a function of source impedance, the impedance of source power supply. The
more input capacitor will be required to prevent a chatter condition upon power up if the impedance of source
power supply is not enough low.
8.2.2.9 VIN Filter RVIN, CVIN
An R-C filter (RVIN, CVIN) on VIN pin is optional. It is not required if CIN capacitors are high quality ceramic
capacitors and placed physically close to the device. The filter helps to prevent faults caused by high frequency
switching noise injection into the VIN pin. A 0.47
μF ceramic capacitor is used this example. 3 Ω of RVIN and 0.47
µF of CVIN are normal recommendations. A larger filter with 2.2 µ~4.7 µF CVIN is recommended when the input
voltage is lower than 8 V or the required duty cycle is close to the maximum duty cycle limit.
Figure 41. VIN Filter
8.2.2.10 Bootstrap Capacitor CBST and Boost Diode DBST
The bootstrap capacitor between the BST and SW pin supplies the gate current to charge the high-side N-
channel MOSFET device gate during each cycle’s turn-on and also supplies recovery charge for the bootstrap
diode. These current peaks can be several amperes. The recommended value of the bootstrap capacitor is 0.1
μF. CBST should be a good quality, low ESR, ceramic capacitor located at the pins of the device to minimize
potentially damaging voltage transients caused by trace inductance. The minimum value for the bootstrap
capacitor is calculated as follows:
(35)
Where QG is the high-side N-channel MOSFET gate charge and ΔVBST is the tolerable voltage droop on CBST,
which is typically less than 5% of VCC or 0.15 V, conservatively. In this example, the value of the BST capacitor
(CBST) is 0.1 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com