Electronic Components Datasheet Search
  English  ▼

X  

LM5122MHX/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM5122MHX/NOPB
Description  Wide-Input Synchronous Boost Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5122MHX/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5122MHX/NOPB Datasheet HTML 35Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 36Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 37Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 38Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 39Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 40Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 41Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 42Page - Texas Instruments LM5122MHX/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
RR(HS)
OUT
RR
SW
P
V
Q
f
[W]
u
u
DT(HS)
D
IN
DLH
DHL
SW
P
V x I
x (t
t
) x f
[W]
2
2
OUT
OUT
IN
COND(HS)
DS _ ON(HS)
DS _ ON(HS)
IN
OUT
IN
I
V
V
P
(1 D) I
R
1.3
R
1.3[W]
V
V
§
· §
·
u
u
u
u
u
u
u
¨
¸ ¨
¸
©
¹
©
¹
SW(LS)
OUT
IN
R
F
SW
P
0.5 V
I
(t
t ) f
[W]
u
u
u
u
39
LM5122, LM5122-Q1
www.ti.com
SNVS954G – FEBRUARY 2013 – REVISED MAY 2016
Product Folder Links: LM5122 LM5122-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Where, D is the duty cycle and the factor of 1.3 accounts for the increase in the N-channel MOSFET device on-
resistance due to heating. Alternatively, the factor of 1.3 can be eliminated and the high temperature on-
resistance of the N-channel MOSFET device can be estimated using the RDS(ON) vs temperature curves in the N-
channel MOSFET datasheet.
Switching loss occurs during the brief transition period as the low-side N-channel MOSFET device turns on and
off. During the transition period both current and voltage are present in the channel of the N-channel MOSFET
device. The low-side switching loss is approximately calculated as follows:
(41)
tR and tF are the rise and fall times of the low-side N-channel MOSFET device. The rise and fall times are usually
mentioned in the N-channel MOSFET datasheet or can be empirically observed with an oscilloscope.
An additional Schottky diode can be placed in parallel with the low-side N-channel MOSFET switch, with short
connections to the source and drain in order to minimize negative voltage spikes at the SW node.
8.2.2.16 High-Side Power Switch QH and Additional Parallel Schottky Diode
Losses in the high-side N-channel MOSFET device can be separated into conduction loss, dead-time loss and
reverse recovery loss. Switching loss is calculated for the low-side N-channel MOSFET device only. Switching
loss in the high-side N-channel MOSFET device is negligible because the body diode of the high-side N-channel
MOSFET device turns on before and after the high-side N-channel MOSFET device switches.
High-side conduction loss is approximately calculated as follows:
(42)
Dead-time loss is approximately calculated as follows:
where
•
VD is the forward voltage drop of the high-side NMOS body diode.
(43)
Reverse recovery characteristics of the high-side N-channel MOSFET switch strongly affect efficiency, especially
when the output voltage is high. Small reverse recovery charge helps to increase the efficiency while also
minimizes switching noise.
Reverse recovery loss is approximately calculated as follows:
(44)
where
•
QRR is the reverse recovery charge of the high-side N-channel MOSFET body diode.
(45)
An additional Schottky diode can be placed in parallel with the high-side switch to improve efficiency. Usually, the
power rating of this parallel Schottky diode can be less than the high-side switch’s because the diode conducts
only during dead-times. The power rating of the parallel diode should be equivalent or higher than high-side
switch’s if bypass operation is required, hiccup mode operation is required or any load exists before switching.
8.2.2.17 Snubber Components
A resistor-capacitor snubber network across the high-side N-channel MOSFET device reduces ringing and
spikes at the switching node. Excessive ringing and spikes can cause erratic operation and can couple noise to
the output voltage. Selecting the values for the snubber is best accomplished through empirical methods. First,
make sure the lead lengths for the snubber connections are very short. Start with a resistor value between 5 and
50
Ω. Increasing the value of the snubber capacitor results more damping, but this also results higher snubber
losses. Select a minimum value for the snubber capacitor that provides adequate damping of the spikes on the
switch waveform at heavy load. A snubber may not be necessary with an optimized layout.
8.2.2.18 Loop Compensation Components CCOMP, RCOMP, CHF
RCOMP, CCOMP and CHF configure the error amplifier gain and phase characteristics to produce a stable voltage
loop. For a quick start, follow the following 4 steps:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com