Electronic Components Datasheet Search
  English  ▼

X  

LM5175 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5175
Description  42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5175 Datasheet(HTML) 2 Page - Texas Instruments

  LM5175 Datasheet HTML 1Page - Texas Instruments LM5175 Datasheet HTML 2Page - Texas Instruments LM5175 Datasheet HTML 3Page - Texas Instruments LM5175 Datasheet HTML 4Page - Texas Instruments LM5175 Datasheet HTML 5Page - Texas Instruments LM5175 Datasheet HTML 6Page - Texas Instruments LM5175 Datasheet HTML 7Page - Texas Instruments LM5175 Datasheet HTML 8Page - Texas Instruments LM5175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
LM5175
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Simplified Schematic............................................. 1
5
Revision History..................................................... 2
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 13
8.3
Feature Description................................................. 13
8.4
Device Functional Modes........................................ 19
9
Application and Implementation ........................ 20
9.1
Application Information............................................ 20
9.2
Typical Application .................................................. 20
10
Power Supply Recommendations ..................... 27
11
Layout................................................................... 27
11.1
Layout Guidelines ................................................. 27
11.2
Layout Example .................................................... 28
12
Device and Documentation Support ................. 29
12.1
Documentation Support ........................................ 29
12.2
Community Resources.......................................... 29
12.3
Trademarks ........................................................... 29
12.4
Electrostatic Discharge Caution ............................ 29
12.5
Glossary ................................................................ 29
13
Mechanical, Packaging, and Orderable
Information ........................................................... 29
5 Revision History
Changes from Original (October 2015) to Revision A
Page
•
Added QFN-28 Packages....................................................................................................................................................... 1
•
Added LM5175RHF information ............................................................................................................................................ 1
•
Added RHF package .............................................................................................................................................................. 3
•
Added QFN pins .................................................................................................................................................................... 4
•
Changed first plus to minus ................................................................................................................................................. 18
•
Changed all 1.22 V to 1.23 V .............................................................................................................................................. 19
•
Changed equation ............................................................................................................................................................... 23
•
Changed equation ............................................................................................................................................................... 25
•
Changed equation ............................................................................................................................................................... 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com