Electronic Components Datasheet Search
  English  ▼

X  

LM5175 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5175
Description  42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5175 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5175 Datasheet HTML 17Page - Texas Instruments LM5175 Datasheet HTML 18Page - Texas Instruments LM5175 Datasheet HTML 19Page - Texas Instruments LM5175 Datasheet HTML 20Page - Texas Instruments LM5175 Datasheet HTML 21Page - Texas Instruments LM5175 Datasheet HTML 22Page - Texas Instruments LM5175 Datasheet HTML 23Page - Texas Instruments LM5175 Datasheet HTML 24Page - Texas Instruments LM5175 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
IN(MIN)
OUT
IN(MIN)
L(PEAK )
L(MAX)
sw
OUT
V
(V
V
)
I
I
14.4 A
2 L1 F
V
u
u
u
u
OUT
OUT(MAX)
L(MAX)
IN(MIN)
V
I
I
13.3 A
0.9 V
u
u
2
IN(MIN)
OUT
IN(MIN)
BOOST
2
OUT(MAX)
sw
OUT
V
(V
V
)
L
2.1 H
0.4 I
F
V
u
P
u
u
u
IN(MAX)
OUT
OUT
BUCK
OUT(MAX)
sw
IN(MAX)
(V
V
) V
L
11.1 H
0.4 I
F
V
u
P
u
u
u
OUT
FB2
FB1
V
0.8 V
R
R
280 k
0.8 V
u
:
FB1
R
20 k:
21
LM5175
www.ti.com
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
For this design example, the following are used as the input parameters.
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
6 V to 36 V
Output
12 V
Load Current
6 A
Switching Frequency
300 kHz
Mode
CCM, Hiccup
9.2.2 Detailed Design Procedure
9.2.2.1 Frequency
The switching frequency of LM5175 is set by an RT resistor connected from RT/SYNC pin to AGND. The RT
resistor required to set the desired frequency is calculated using Equation 5 or Figure 3 . A 1% standard resistor
of 84.5 k
Ω is selected for Fsw = 300 kHz.
9.2.2.2 VOUT
The output voltage is set using a resistor divider to the FB pin. The internal reference voltage is 0.8 V. Normally
the bottom resistor in the resistor divider is selected to be in the 1 k
Ω to 100 kΩ range. Select
(11)
The top resistor in the feedback resistor divider is selected using Equation 12:
(12)
9.2.2.3 Inductor Selection
The inductor selection is based on consideration of both buck and boost modes of operation. For the buck mode,
inductor selection is based on limiting the peak to peak current ripple
ΔIL to ~40% of the maximum inductor
current at the maximum input voltage. The target inductance for the buck mode is:
(13)
For the boost mode, the inductor selection is based on limiting the peak to peak current ripple
ΔIL to ~40% of the
maximum inductor current at the minimum input voltage. The target inductance for the boost mode is:
(14)
In this particular application, the buck inductance is larger. Choosing a larger inductance reduces the ripple
current but also increases the size of the inductor. A larger inductor also reduces the achievable bandwidth of the
converter by moving the right half plane zero to lower frequencies. Therefore a judicious compromise should be
made based on the application requirements. For this design a 4.7-µH inductor is selected. With this inductor
selection, the inductor current ripple is 5.7 A, 4.3 A, and 2.1 A, at VIN of 36 V, 24 V, and 6 V respectively.
The maximum average inductor current occurs at the minimum input voltage and maximum load current:
(15)
where a 90% efficiency is assumed. The peak inductor current occurs at minimum input voltage and is given by:
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com