Electronic Components Datasheet Search
  English  ▼

X  

LM5175PWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5175PWPR
Description  42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5175PWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5175PWPR Datasheet HTML 12Page - Texas Instruments LM5175PWPR Datasheet HTML 13Page - Texas Instruments LM5175PWPR Datasheet HTML 14Page - Texas Instruments LM5175PWPR Datasheet HTML 15Page - Texas Instruments LM5175PWPR Datasheet HTML 16Page - Texas Instruments LM5175PWPR Datasheet HTML 17Page - Texas Instruments LM5175PWPR Datasheet HTML 18Page - Texas Instruments LM5175PWPR Datasheet HTML 19Page - Texas Instruments LM5175PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
sw
T
1
200 ns
F
R
37 pF
§
·
¨
¸
©
¹
CL(AVG)
SNS
50 mV
I
R
16
LM5175
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.5 Overcurrent Protection
The LM5175 provides cycle-by-cycle current limit to protect against overcurrent and short circuit conditions. In
buck operation, the sensed valley voltage across the CSG and CS pins is limited to 76 mV. The high-side buck
switch skips a cycle if the sensed voltage does not fall below this threshold during the buck switch off time. In
boost operation, the maximum peak voltage across CS and CSG is limited to 170mV. If the peak current in the
low-side boost switch causes the CS pin to exceed this threshold voltage, the boost switch is turned off for the
remainder of the clock cycle.
Applying the appropriate voltage to the MODE pin of the LM5175 enables hiccup mode fault protection (see
MODE Pin Configuration). In the hiccup mode, the controller shuts down after detecting cycle-by-cycle current
limiting for 128 consecutive cycles and the soft-start capacitor is discharged. The soft-start capacitor is
automatically released after 4000 oscillator clock cycles and the controller restarts. If hiccup mode protection is
not enabled through the MODE pin, the LM5175 will operate in cycle-by-cycle current limiting as long as the
overload condition persists.
8.3.6 Average Input/Output Current Limiting
The LM5175 provides optional average current limiting capability to limit either the input or the output current of
the DC/DC converter. The average current limiting circuit uses an additional current sense resistor connected in
series with the input supply or output voltage of the converter. A current sense gm amplifier with inputs at the
ISNS(+) and ISNS(-) pins monitors the voltage across the sense resistor and compares it with an internal 50 mV
reference. If the drop across the sense resistor is greater than 50 mV, the gm amplifier gradually discharges the
soft-start capacitor. When the soft-start capacitor discharges below the 0.8-V feedback reference voltage VREF,
the output voltage of the converter decreases to limit the input or output current. The average current limiting
feature can be used in applications requiring a regulated current from the input supply or into the load. The target
constant current is given by Equation 4:
(4)
The average current loop can be disabled by shorting the ISNS(+) and ISNS(-) pins together.
8.3.7 CCM/DCM Operation
The LM5175 allows selection of continuous conduction mode (CCM) or discontinuous conduction mode (DCM)
operation using the MODE pin (see MODE Pin Configuration). In CCM operation the inductor current can flow in
either direction and the controller switches at a fixed frequency regardless of the load current. This mode is
useful for noise-sensitive applications where a fixed switching eases filter design. In DCM operation the
synchronous rectifier MOSFETs emulate diodes as LDRV1 or HDRV2 turn-off for the remainder of the PWM
cycle when the inductor current reaches zero. The DCM mode results in reduced frequency operation at light
loads, which lowers switching losses and increases light load efficiency of the converter.
8.3.8 Frequency and Synchronization (RT/SYNC)
The LM5175 switching frequency can be programmed between 100 kHz and 600 kHz using a resistor from the
RT/SYNC pin to AGND. The RT resistor is related to the nominal switching frequency (Fsw) by the following
equation:
(5)
Figure 3 in the Typical Characteristics shows the relationship between the programmed switching frequency (Fsw)
and the RT resistor.
The RT/SYNC pin can also be used for synchronizing the internal oscillator to an external clock signal. The
external synchronization pulse is ac coupled using a capacitor to the RT/SYNC pin. The voltage at the RT/SYNC
pin must not exceed 3.3 V peak. The external synchronization pulse frequency should be higher than the
internally set oscillator frequency and the pulse width should be between 75 ns and 500 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com