Electronic Components Datasheet Search
  English  ▼

X  

LM5175PWPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM5175PWPR
Description  42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5175PWPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5175PWPR Datasheet HTML 11Page - Texas Instruments LM5175PWPR Datasheet HTML 12Page - Texas Instruments LM5175PWPR Datasheet HTML 13Page - Texas Instruments LM5175PWPR Datasheet HTML 14Page - Texas Instruments LM5175PWPR Datasheet HTML 15Page - Texas Instruments LM5175PWPR Datasheet HTML 16Page - Texas Instruments LM5175PWPR Datasheet HTML 17Page - Texas Instruments LM5175PWPR Datasheet HTML 18Page - Texas Instruments LM5175PWPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
SS
ss
C
0.8 V
t
5 A
u
P
RUV2
RUV1
VIN
EN/UVLO
LM5175
Copyright © 2016, Texas Instruments Incorporated
HYS(UV )
UV2
V
3.5 A R
'
P u
UV2
IN(UV)
UV2
UV1
R
V
1.23 V
1
R
1.5 A
R
§
·
u
u
P
¨
¸
©
¹
15
LM5175
www.ti.com
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Enable/UVLO
The LM5175 has a dual function enable and undervoltage lockout (UVLO) circuit. The EN/UVLO pin has three
distinct voltage ranges: shutdown, standby, and operating (see Shutdown, Standby, and Operating Modes).
When the EN/UVLO pin is below the standby threshold (0.7 V typical), the converter is held in a low power
shutdown mode. When EN/UVLO voltage is greater than the standby threshold but less than the 1.23 V
operating threshold, the internal bias rails and the VCC regulator are enabled but the soft-start (SS) pin is held
low and the PWM controller is disabled. A 1.5 µA pull-up current is sourced out of the EN/UVLO pin in standby
mode to provide hysteresis between the shutdown mode and the standby mode. When EN/UVLO is greater than
the 1.23 V operating threshold, the controller commences operation if VCC is above VCC UV threshold (3.3 V). A
hysteresis current of 3.5 µA is sourced into the EN/UVLO pin when the EN/UVLO input exceeds the 1.23 V
operation threshold to provide hysteresis that prevents on/off chattering in the presence of noise with a slowly
changing input voltage.
The VIN undervoltage lockout turn-on threshold is typically set by a resistor divider from the VIN pin to AGND with
the mid-point of the divider connected to EN/UVLO. The turn-on threshold VINUV is calculated using Equation 1
where RUV2 is the upper resistor and RUV1 is the lower resistor in the EN/UVLO resistor divider:
(1)
The hysteresis between the UVLO turn-on threshold and turn-off threshold is set by the upper resistor in the
EN/UVLO resistor divider and is given by:
(2)
Figure 21. UVLO Threshold Programming
8.3.4 Soft-Start
The LM5175 soft-start time is programmed using a soft-start capacitor from the SS pin to AGND. When the
converter is enabled, an internal 5-µA current source charges the soft-start capacitor. When the SS pin voltage is
below the 0.8-V feedback reference voltage VREF, the soft-start pin controls the regulated FB voltage. Once SS
exceeds VREF, the soft-start interval is complete and the error amplifier is referenced to VREF. The soft-start time
is given by Equation 3:
(3)
The soft-start capacitor is internally discharged when the converter is disabled because of EN/UVLO falling
below the operation threshold or VCC falling below the VCC UV threshold. The soft-start pin is also discharged
when the converter is in hiccup mode current limiting or in thermal shutdown. When average input or output
current limiting is active, the soft-start capacitor is discharged by the constant current loop transconductance
(gm) amplifier to limit either input or output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com