Electronic Components Datasheet Search
  English  ▼

X  

LM5160APWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5160APWPR
Description  Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5160APWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5160APWPR Datasheet HTML 18Page - Texas Instruments LM5160APWPR Datasheet HTML 19Page - Texas Instruments LM5160APWPR Datasheet HTML 20Page - Texas Instruments LM5160APWPR Datasheet HTML 21Page - Texas Instruments LM5160APWPR Datasheet HTML 22Page - Texas Instruments LM5160APWPR Datasheet HTML 23Page - Texas Instruments LM5160APWPR Datasheet HTML 24Page - Texas Instruments LM5160APWPR Datasheet HTML 25Page - Texas Instruments LM5160APWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
OUT2
OUT1
OUT2
OUT2
IN(MIN)
sw
I
V
1
C
V
V
f
§
·
u
¨
¸
¨
¸
'
©
¹
R(diode)
IN(max)
OUT(ISO)
N2
V
V
V
32 V 1.5 12 V
60 V
N1
u
u
OUT(ISO)
OUT
V
0.7 V
V
8.47 V
1.5
22
LM5160A, LM5160
SNVSA03C – OCTOBER 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LM5160A LM5160
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.2.2.2 Detailed Design Procedure
The Fly-Buck converter design procedure closely follows the buck converter design outlined in LM5160
Synchronous Buck (10-V to 60-V Input, 5-V Output, 1.5-A Load) . The selection of primary output voltage,
transformer turns ratio, rectifier diode, and output capacitors are covered here.
8.2.2.2.1
Selection of VOUT1 and Turns Ratio
The primary output voltage in a Fly-Buck converter must be no more than one half of the minimum input voltage.
For a minimum VIN of 18 V, the primary output voltage (VOUT) must be no higher than 9 V. To generate an
isolated output voltage of VOUT (ISO) = 12 V, a transformer turns ratio (N1:N2) of 1:1.5 is selected. Using this turns
ration, the required primary output voltage VOUT is calculated in Equation 19:
(19)
The 0.7 V subtracted from VOUT(ISO) represents the forward voltage drop of the secondary rectifier diode. Fine
tuning the primary side VOUT1 may be required to account for voltage errors due to the leakage inductance of the
transformer and the resistance of the transformer windings and the low-side FET of LM5160.
8.2.2.2.2
Secondary Rectifier Diode
The secondary rectifier diode must block the maximum input voltage multiplied by the transformer turns ratio.
The minimum diode reverse voltage VR(diode) rating is given by Equation 20:
(20)
A diode of 60 V or higher reverse voltage rating must be selected in this application. If the input voltage (VIN) has
transients above the normal operating maximum input voltage of 32 V, then the worst-case transient input
voltage must be used in the diode voltage calculation of Equation 20.
8.2.2.2.3
External Ripple Circuit
Type 3 ripple circuit is required for Fly-Buck applications. The design procedure for ripple components is identical
to that in a buck converter. See Ripple Configuration for ripple design information.
8.2.2.2.4
Output Capacitor (COUT2)
The Fly-Buck output capacitor conducts higher ripple current than a buck converter output capacitor. The
capacitive ripple for the isolated output capacitor is calculated based on the time the rectifier diode is off. During
this time the entire output current is supplied by the output capacitor. The required capacitance for a worst-case
VOUT2 (VOUT (ISO)) ripple voltage can be calculated using Equation 21 where, ΔVOUT2 is the target ripple at the
secondary output.
(21)
Equation 21 is an approximation and ignores the ripple components associated with ESR and ESL of the output
capacitor. For a ΔVOUT2 = 100 mV, Equation 21 requires COUT2 = 6.5 µF. When selecting a capacitor, consider its
DC bias to ensure sufficient capacitance over the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com