Electronic Components Datasheet Search
  English  ▼

X  

LM5160APWPR Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5160APWPR
Description  Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5160APWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5160APWPR Datasheet HTML 8Page - Texas Instruments LM5160APWPR Datasheet HTML 9Page - Texas Instruments LM5160APWPR Datasheet HTML 10Page - Texas Instruments LM5160APWPR Datasheet HTML 11Page - Texas Instruments LM5160APWPR Datasheet HTML 12Page - Texas Instruments LM5160APWPR Datasheet HTML 13Page - Texas Instruments LM5160APWPR Datasheet HTML 14Page - Texas Instruments LM5160APWPR Datasheet HTML 15Page - Texas Instruments LM5160APWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
REF
FB2
FB1
OUT
FB1
V
(R
R
)
V
V
R
u
OUT
sw
10
ON
V
F
Hz
R
1 10
u u
12
LM5160A, LM5160
SNVSA03C – OCTOBER 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LM5160A LM5160
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Control Circuit
The LM5160 step-down switching regulator employs a control principle based on a comparator and a one-shot
ON-timer, with the output voltage feedback (FB) compared to the voltage at the Soft-Start (SS) pin (VSS). If the
FB voltage is below VSS, the internal buck switch is turned on for a time period determined by the input voltage
and one-shot programming resistor ®ON). Following the ON-time, the buck switch must remain off for the
minimum OFF-time forced by the minimum OFF-time one-shot. The buck switch remains off until the FB voltage
falls below the soft start again, when it turns back on for another ON-time one-shot period.
During a rapid start-up or when the load current increases suddenly, the regulator operates with minimum OFF-
time per cycle. When regulating the output in steady-state operation, the OFF-time automatically adjusts to
produce the SW pin duty cycle required for output voltage regulation.
When in regulation, the LM5160 operates in continuous conduction mode at heavy load currents. If the FPWM
pin is connected to ground or left floating, the regulator operates in discontinuous conduction mode at light load
with the synchronous rectifier FET in diode emulation. With sufficient load, the LM5160 operates in continuous
conduction mode with the inductor current never reaching zero during the OFF-time of the high-side FET. In this
mode the operating frequency remains relatively constant with load and line variations. The minimum load
current for continuous conduction mode is one-half the inductor’s ripple current amplitude. The operating
frequency is programmed by the RON pin resistor and can be calculated from Equation 1 with RON expressed in
ohms.
(1)
In discontinuous conduction mode, current through the inductor ramps up from zero to a peak value during the
ON-time, then ramps back to zero before the end of the OFF-time. The next ON-time period starts when the
voltage at FB falls below VSS. When the inductor current is zero during the high-side FET OFF-time, the load
current is supplied by the output capacitor. In this mode, the operating switching frequency is lower than the
continuous conduction mode switching frequency and the frequency varies with load. The discontinuous
conduction mode maintains conversion efficiency at light loads because the switching losses decrease with the
decrease in load and frequency.
The output voltage is set by two external resistors ( RFB1, RFB2). The regulated output voltage is calculated from
Equation 2.
where
•
VREF = 2 V (typical) is the feedback reference voltage.
(2)
7.3.2 VCC Regulator
The LM5160 contains an internal high voltage linear regulator with a nominal output voltage of 7.5 V (typical).
The VCC regulator is internally current limited to 30 mA (minimum). This regulator supplies power to internal
circuit blocks including the synchronous FET gate driver and the logic circuits. When the voltage on the VCC pin
reaches the undervoltage lockout (VCC(UV)) threshold of 3.98 V (typical), the IC is enabled. An external capacitor
at the VCC pin stabilizes the regulator and supplies transient VCC current to the gate drivers. An internal diode
connected from VCC to the BST pin replenishes the charge in the high-side gate drive bootstrap capacitor when
the SW pin is low.
In high input voltage applications, the power dissipated in the regulator is significant and can limit the efficiency
and maximum achievable output power. The LM5160A allows the internal VCC regulator power loss to be
reduced by supplying the VCC voltage through a diode from an external voltage source regulated between 9 V
and 13 V. The external VCC bias can be supplied from the LM5160A converter output rail if the regulation
voltage is within this range. When the VCC pin of the LM5160A is raised above the regulation voltage (7.5 V
typical), the internal regulator is disabled and the power dissipation in the IC is reduced. The only difference
between the LM5160 and LM5160A is wide operating VCC voltage range of the LM5160A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com