Electronic Components Datasheet Search
  English  ▼

X  

SAA6752HS/V104 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SAA6752HS/V104
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V104 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SAA6752HS/V104 Datasheet HTML 35Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 36Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 37Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 38Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 39Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 40Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 41Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 42Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
9I2C-BUS CONTROL AND STATUS REGISTERS
Tables 13 to 26 list the I2C-bus instructions intended for functional control and status.
Column M identifies the SAA6752HS modes that are valid for each I2C-bus instruction. The key is:
I - write and/or read valid in Idle mode
P- write and/or read valid in Paused mode
S - write and/or read valid in Stop mode
E - write and/or read valid in Encode mode
All - write and/or read valid in Idle, Encode, Paused and Stop mode.
Table 13 I2C-bus control
Note
1. Paused mode transitions are not applicable to transport stream and DIO output mode combination, only transport stream and DEBI output mode
combination.
ADR
HEX
M
COMMAND
NAME
R/W
SIZE/POSITION
PARAMETER/RANGE
DEFAULT
DESCRIPTION
00
all
soft reset
W
none
none
−
This command resets the SAA6752HS to its
default settings.
01
I
enable
W
none
none
−
go to Stop mode from Idle mode
02
I, P, S
start
W
none
none
−
go to Encode mode
03
E
stop
W
none
none
−
go to Stop mode from Encode mode
04
E
pause(1)
W
none
none
−
go to Paused mode from Encode mode
05
E, P, S reconfigure
W
none
none
−
go to Idle mode
06
I
sleep
W
none
none
−
go to Power-down mode
07
E, P, S forced
reconfigure
W
none
none
−
Go to Idle mode without completing the
current GOP/audio frame. This is intended for
use in cases similar to no video/audio input
present.
08
I
enable system
time-out
R/W 1 byte
disabled
Enables SAA6752HS to time-out to Idle mode
if STOP to IDLE transition cannot be
completed (i.e. due to no video signal being
present). If a general error event is detected,
the SAA6752HS will automatically switch to
Idle mode via forced reconfigure.
bit 0 = 1
enabled
bit 0 = 0
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com