Electronic Components Datasheet Search
  English  ▼

X  

SAA6752HS/V104 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA6752HS/V104
Description  MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6752HS/V104 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA6752HS/V104 Datasheet HTML 9Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 10Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 11Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 12Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 13Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 14Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 15Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 16Page - NXP Semiconductors SAA6752HS/V104 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
2004 Jan 26
13
Philips Semiconductors
Product specification
MPEG-2 video and MPEG-audio/AC-3
audio encoder with multiplexer
SAA6752HS
SM_D4
180
input/output
4
reserved (do not connect); static memory data input/output
bit 4 with internal pull-down resistor
VSSCO
181
ground
−
internal pre-driver and substrate ground
VSSCO
182
ground
−
core ground
VDDCO
183
supply
−
core supply voltage (2.5 V)
VDDCO
184
supply
−
internal pre-driver supply voltage (2.5 V)
VDDP
185
supply
−
pad ring supply voltage (3.3 V)
SM_D11
186
input/output
4
reserved (do not connect); static memory data input/output
bit 11 with internal pull-down resistor
SM_D3
187
input/output
4
reserved (do not connect); static memory data input/output
bit 3 with internal pull-down resistor
SM_D12
188
input/output
4
reserved (do not connect); static memory data input/output
bit 12 with internal pull-down resistor
SM_D2
189
input/output
4
reserved (do not connect); static memory data input/output
bit 2 with internal pull-down resistor
VSSP
190
ground
−
pad ground
SM_D13
191
input/output
4
reserved (do not connect); static memory data input/output
bit 13 with internal pull-down resistor
SM_D1
192
input/output
4
reserved (do not connect); static memory data input/output
bit 1 with internal pull-down resistor
SM_D14
193
input/output
4
reserved (do not connect); static memory data input/output
bit 14 with internal pull-down resistor
SM_D0
194
input/output
4
reserved (do not connect); static memory data input/output
bit 0 (LSB) with internal pull-down resistor
VDDP
195
supply
−
pad ring supply voltage (3.3 V)
SM_D15
196
input/output
4
reserved (do not connect); static memory data input/output
bit 15 (MSB) with internal pull-down resistor
SM_CS3
197
output
4
reserved (do not connect); static memory chip select output for
external ROM or RAM (active LOW)
SM_A4
198
output
4
reserved (do not connect); static memory address output bit 4
SM_A3
199
output
4
reserved (do not connect); static memory address output bit 3
VSSP
200
ground
−
pad ground
SM_A2
201
output
4
reserved (do not connect); static memory address output bit 2
SM_A15
202
output
4
reserved (do not connect); static memory address output bit 15
SM_A1
203
output
4
reserved (do not connect); static memory address output bit 1
SM_A16
204
output
4
reserved (do not connect); static memory address output bit 16
VDDP
205
supply
−
pad ring supply voltage (3.3 V)
SM_A0
206
output
4
reserved (do not connect); static memory address output bit 0
(LSB)
SM_A17
207
output
4
reserved (do not connect); static memory address output bit 17
(MSB)
SM_CS0
208
output
4
reserved (do not connect)
SYMBOL
PIN
INPUT/OUTPUT(1)
Imax
(mA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com