Electronic Components Datasheet Search
  English  ▼

X  

ST15 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ST15
Description  Isolated and Regulated 15 Watt Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ST15 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ST15_16 Datasheet HTML 1Page - Astrodyne Corporation ST15_16 Datasheet HTML 2Page - Astrodyne Corporation ST15_16 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 15 Watt Modular DC/DC Converters
ST15 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
ST15-123.3S
3.3 VDC
4
9-18VDC
ST15-243.3S
4
18-36VDC
ST15-483.3S
4
36-75VDC
ST15-125S
5 VDC
3
9-18VDC
ST15-245S
3
18-36VDC
ST15-485S
3
36-75VDC
ST15-1212S
12 VDC
1.25
9-18VDC
ST15-2412S
1.25
18-36VDC
ST15-4812S
1.25
36-75VDC
ST15-1215S
15 VDC
1
9-18VDC
ST15-2415S
1
18-36VDC
ST15-4815S
1
36-75VDC
ST15-1224S
24 VDC
0.625
9-18VDC
ST15-2424S
0.625
18-36VDC
ST15-4824S
0.625
36-75VDC
Unit measures 1”W x 2”L x 0.41”H
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458


Similar Part No. - ST15_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
Power Module for PCB Mountable
More results

Similar Description - ST15_16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD15 ETC2-ASD15 Datasheet
323Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FEC15 ASTRODYNE-FEC15 Datasheet
369Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
ST15 ASTRODYNE-ST15 Datasheet
190Kb / 3P
Isolated and Regulated 15 Watt Modular DC/DC Converters
ASD15 ASTRODYNE-ASD15 Datasheet
263Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
FEC15 ASTRODYNE-FEC15_16 Datasheet
207Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com