Electronic Components Datasheet Search
  English  ▼

X  

ST15 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ST15
Description  Isolated and Regulated 15 Watt Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ST15 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ST15_16 Datasheet HTML 1Page - Astrodyne Corporation ST15_16 Datasheet HTML 2Page - Astrodyne Corporation ST15_16 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 15 Watt Modular DC/DC Converters
ST15 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage, Nominal
12VDC, 24VDC, 48VDC
Input Voltage Ranges
9-18, 18-36, 36-75 VDC
Input Surge Voltage
50V (12/24V Models), *
100V (48V Models), *
10 mS duration, min.
Input Fusing
4A: 12/24Vin Models
2A: 48Vin Models
Input Filter
PI Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Max. Output Power
13.2 Watts 3.3VDC O/P
15 Watts all others
Voltage Accuracy
+/-2%
Load Regulation
10% - FL
+/-1%
Line Regulation
HL-LL
+/-0.5%
Temperature Coefficient
+/-0.02%/°C
Ripple
<0.2% Vout + 20mV (Vp-p) max.
Noise
<0.5% Vout + 50mV (Vp-p) max.
Overvoltage Protection
Zener Diode Clamp *
Overcurrent Protection
120% of Rated, Auto Recovery
Short Circuit Protection
Current Limit, self-recovering
Efficiency
3.3 Vout = 79%
5 Vout = 82%
12, 15 & 24 Vout = 83%
PHYSICAL SPECIFICATIONS
Dimensions
2”x1”x0.413”
Case Material
Nickel Coated Copper
with Non-Conductive Base
Connected to O/P Ground
Construction
Fully Encapsulated
Weight
1.1 oz, (30g)
GENERAL SPECIFICATIONS
Input-Out Isolation
1600VDC
Input-Output Resistance
10-9th Ohms
In/Out Capacitance
1000 pF
Switching Frequency
400Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20 to +60°C(See Derate)
Storage Temperature
-55 to +105°C *
Maximum Case Temp
95°C *
Humidity
95%RH *
Cooling
Free Air Convection
MTBF
>800,000 Hrs @ 25°C
MIL-HDBK-217F
EMI (Conducted & Radiated)
EN 55022 class A
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com