Electronic Components Datasheet Search
  English  ▼

X  

TPS72501 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS72501
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72501 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS72501 Datasheet HTML 9Page - Texas Instruments TPS72501 Datasheet HTML 10Page - Texas Instruments TPS72501 Datasheet HTML 11Page - Texas Instruments TPS72501 Datasheet HTML 12Page - Texas Instruments TPS72501 Datasheet HTML 13Page - Texas Instruments TPS72501 Datasheet HTML 14Page - Texas Instruments TPS72501 Datasheet HTML 15Page - Texas Instruments TPS72501 Datasheet HTML 16Page - Texas Instruments TPS72501 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.ti.com
1
2
3
4
5
0.1
1
10
100
Copper Heatsink Area − cm2
TA = 55°C
No Air Flow
150 LFM
250 LFM
SOT223 Power Dissipation
P
Dmax +
(3.3 * 2.5) V x 1 A + 800 mW
(9)
RθJAmax + (125 * 55)°C 800 mW + 87.5°C W
(10)
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341D – MAY 2002 – REVISED MARCH 2004
THERMAL INFORMATION (continued)
From the data in Figure 23 and rearranging Equation 6, the maximum power dissipation for a different ground
plane area and a specific ambient temperature can be computed.
Figure 23. Maximum Power Dissipation vs Copper Heatsink Area
The SOT223 package provides an effective means of managing power dissipation in surface mount applications.
The SOT223 package dimensions are provided in the Mechanical Data section at the end of the data sheet. The
addition of a copper plane directly underneath the SOT223 package enhances the thermal performance of the
package.
To illustrate, the TPS72525 in a SOT223 package was chosen. For this example, the average input voltage is
3.3 V, the output voltage is 2.5 V, the average output current is 1 A, the ambient temperature 55
°C, no air flow is
present, and the operating environment is the same as documented below. Neglecting the quiescent current, the
maximum average power is:
Substituting TJmax for TJ into Equation 6 gives Equation 10:
From Figure 24, RΘJA vs PCB Copper Area, the ground plane needs to be 0.55 in
2 for the part to dissipate 800
mW. The operating environment used to construct Figure 24 consisted of a board with 1 oz. copper planes. The
package is soldered to a 1 oz. copper pad on the top of the board. The pad is tied through thermal vias to the 1
oz. ground plane.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com