Electronic Components Datasheet Search
  English  ▼

X  

TPS72501 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS72501
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72501 Datasheet(HTML) 2 Page - Texas Instruments

  TPS72501 Datasheet HTML 1Page - Texas Instruments TPS72501 Datasheet HTML 2Page - Texas Instruments TPS72501 Datasheet HTML 3Page - Texas Instruments TPS72501 Datasheet HTML 4Page - Texas Instruments TPS72501 Datasheet HTML 5Page - Texas Instruments TPS72501 Datasheet HTML 6Page - Texas Instruments TPS72501 Datasheet HTML 7Page - Texas Instruments TPS72501 Datasheet HTML 8Page - Texas Instruments TPS72501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341D – MAY 2002 – REVISED MARCH 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Although an output capacitor is not required for stability, transient response and output noise are improved with a
10-µF output capacitor.
Unlike some regulators that have a minimum current requirement, the TPS725 family is stable with no output
load current. The low noise capability of this family, coupled with its high current operation and ease of power
dissipation, make it ideal for telecom boards, modem banks, and other noise-sensitive applications.
ORDERING INFORMATION
TJ
VOLTAGE(1)
SOT223-5(2)
SYMBOL
DDPAK(3)
D(4)
SYMBOL
Adjustable (1.2 V to 5 V)
TPS72501DCQ
PS72501
TPS72501KTT
TPS72501D
TPS72501
1.5 V
TPS72515DCQ
PS72515
TPS72515KTT
—
TPS72515
-40
°C to
1.6 V
TPS72516DCQ
PS72516
TPS72516KTT
—
TPS72516
125
°C
1.8 V
TPS72518DCQ
PS72518
TPS72518KTT
—
TPS72518
2.5 V
TPS72525DCQ
PS72525
TPS72525KTT
—
TPS72525
(1)
Other voltage options are available upon request from the manufacturer.
(2)
To order a taped and reeled part, add the suffix R to the part number (e.g., TPS72501DCQR).
(3)
To order a 50-piece reel, add the suffix T (e.g., TPS72501KTTT); to order a 500-piece reel, add the suffix R (e.g., TPS72501KTTR).
(4)
To order a taped and reeled part, add the suffix R or T (2500 or 500) to the part number (e.g. TPS72501DR)
over operating free-air temperature range unless otherwise noted(1)
UNIT
Input voltage, VI
(2)
-0.3 to 7
V
Voltage range at EN, FB
-0.3 to VI + 0.3
V
Voltage on OUT, RESET
6
V
ESD rating, HBM
2
kV
Continuous total power dissipation
See Dissipation Ratings Table
Operating junction temperature range, TJ
-50 to 150
°C
Maximum junction temperature range, TJ
150
°C
Storage temperature, Tstg
-65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
MIN NOM
MAX UNIT
Input voltage, VI
(1)
1.8
6
V
Continuous output current, IO
0
1
A
Operating junction temperature, TJ
-40
125
°C
(1)
Minimum VI = VO (nom) + VDO.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com