Electronic Components Datasheet Search
  English  ▼

X  

UT62256C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UT62256C
Description  32K X 8 BIT LOW POWER CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT62256C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UT62256C Datasheet HTML 1Page - List of Unclassifed Manufacturers UT62256C Datasheet HTML 2Page - List of Unclassifed Manufacturers UT62256C Datasheet HTML 3Page - List of Unclassifed Manufacturers UT62256C Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62256C Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62256C Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62256C Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62256C Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62256C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UTRON
UT62256C
Rev. 1.0
32K X 8 BIT LOW POWER CMOS SRAM
____________________________________________________________________________________________
UTRON TECHNOLOGY INC.
P80027
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882
FAX: 886-3-5777919
2
ABSOLUTE MAXIMUM RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Terminal Voltage with Respect to VSS
VTERM
-0.5 to +7.0
V
Operating Temperature
TA
0 to +70
℃
Storage Temperature
TSTG
-65 to +150
℃
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
Soldering Temperature (under 10 sec0
Tsolder
260
℃
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to the absolute maximum rating conditions for
extended period may affect device reliability.
TRUTH TABLE
MODE
CE
OE
WE
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
High - Z
ISB, ISB1
Output Disable
L
H
H
High - Z
ICC
Read
L
L
H
DOUT
ICC
Write
L
X
L
DIN
ICC
Note: H = VIH, L=VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS (VCC = 5V±10%, TA = 0℃ to 70℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN. TYP.
MAX.
UNIT
Input High Voltage
VIH
2.2
-
VCC+0.5
V
Input Low Voltage
VIL
- 0.5
-
0.8
V
Input Leakage Current
ILI
VSS ≦VIN ≦VCC
- 1
-
1
µA
Output Leakage
Current
ILO
VSS ≦VI/O ≦VCC
CE =VIH or OE = VIH
or WE = VIL
- 1
-
1
µA
Output High Voltage
VOH
IOH= - 1mA
2.4
-
-
V
Output Low Voltage
VOL
IOL= 4mA
-
-
0.4
V
- 35
-
40
50
mA
ICC
CE = VIL ,
II/O = 0mA ,Cycle=Min. - 70
-
30
40
mA
ICC1
Tcycle
=500ns
-
-
20
mA
Operating Power
Supply Current
ICC2
CE = 0.2V; II/O = 0mA
other pins at 0.2V or
VCC-0.2V
Tcycle
=1ms
-
-
10
mA
ISB
CE =VIH
1
10
mA
ISB1
CE ≧VCC-0.2V
normal
-
0.3
5
mA
ISB
CE =VIH
-L/-LL
-
-
3
mA
ISB1
CE ≧VCC-0.2V
-L
-
2
100
µA
Standby Power
Supply Current
-LL
-
1
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com