Electronic Components Datasheet Search
  English  ▼

X  

XR76205 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR76205
Description  3A/5A/8A Synchronous Step Down COT Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76205 Datasheet(HTML) 4 Page - Exar Corporation

  XR76205 Datasheet HTML 1Page - Exar Corporation XR76205 Datasheet HTML 2Page - Exar Corporation XR76205 Datasheet HTML 3Page - Exar Corporation XR76205 Datasheet HTML 4Page - Exar Corporation XR76205 Datasheet HTML 5Page - Exar Corporation XR76205 Datasheet HTML 6Page - Exar Corporation XR76205 Datasheet HTML 7Page - Exar Corporation XR76205 Datasheet HTML 8Page - Exar Corporation XR76205 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
© 2015 Exar Corporation
XR76203/5/8
4 / 20
exar.com/XR76203/5/8
Rev 1A
Note 1: Guaranteed by design
Current Limit Blanking
GL rising>1V
100
ns
Thermal Shutdown Threshold1
Rising temperature
150
°C
Thermal Hysteresis1
15
°C
VSCTH Feedback Pin Short-Circuit
Threshold
Percent of VREF, short circuit is active after
PGOOD is asserted
50
60
70
%
XRP76203 Output Power Stage
RDSON
High-Side MOSFET RDSON
IDS = 1A
115
160
mΩ
Low-Side MOSFET RDSON
40
59
mΩ
IOUT
Maximum Output Current
3A
A
XRP76205 Output Power Stage
RDSON
High-Side MOSFET RDSON
IDS = 2A
42
59
mΩ
Low-Side MOSFET RDSON
40
59
mΩ
IOUT
Maximum Output Current
5A
A
XRP76208 Output Power Stage
RDSON
High-Side MOSFET RDSON
IDS = 2A
42
59
mΩ
Low-Side MOSFET RDSON
16.2
21.5
mΩ
IOUT
Maximum Output Current
8A
A
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com