Electronic Components Datasheet Search
  English  ▼

X  

XR76205 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR76205
Description  3A/5A/8A Synchronous Step Down COT Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76205 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR76205 Datasheet HTML 4Page - Exar Corporation XR76205 Datasheet HTML 5Page - Exar Corporation XR76205 Datasheet HTML 6Page - Exar Corporation XR76205 Datasheet HTML 7Page - Exar Corporation XR76205 Datasheet HTML 8Page - Exar Corporation XR76205 Datasheet HTML 9Page - Exar Corporation XR76205 Datasheet HTML 10Page - Exar Corporation XR76205 Datasheet HTML 11Page - Exar Corporation XR76205 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
© 2015 Exar Corporation
XR76203/5/8
8 / 20
exar.com/XR76203/5/8
Rev 1A
Typical Performance Characteristics
Unless otherwise noted: VIN = 24V, VOUT=3.3V, IOUT=8A, f=400kHz, TA = 25°C. Schematic from the application information
section.
Figure 1: Load Regulation
Figure 2: Line regulation
Figure 3: TON versus RON
Figure 4: TON versus VIN, RON=27.4k
Figure 5: frequency versus IOUT
Figure 6: frequency versus VIN
3.260
3.270
3.280
3.290
3.300
3.310
3.320
3.330
3.340
5
101520
253035
40
VIN (V)
3.260
3.270
3.280
3.290
3.300
3.310
3.320
3.330
3.340
02468
IOUT (A)
10
100
1,000
1
10
100
RON (kΩ)
Typical
Calculated
100
300
500
700
900
1,100
1,300
1,500
5
10152025
303540
VIN (V)
Calculated
Typical
0
100
200
300
400
500
600
02468
IOUT (A)
0
100
200
300
400
500
600
5
10152025303540
VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com