| Electronic Components Datasheet Search |
|
DAC488HR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DAC488HR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 4 page ![]() QUICK FIND tel: 440-439-4091 fax: 440-439-4093 250 sales@iotech.com www.iotech.com the smart approach to instrumentation™ ® DAC488HR ™ General Information Support Software The DAC488HR series is shipped with QuickBasic® and C sample programs. Free VIs (Virtual Instruments) are avail- able from IOtech that enable the immedi- ate integration of the DAC488HR series into existing LabVIEW® applications. Each of these ready-to-use VIs provide immedi- ate access to common DAC488HR func- tions, and both include source code that can be modified to meet specific application requirements. Stimulus/Response System When configured with an ADC488A se- ries A/D converter, the DAC488HR is well- suited for stimulus/response testing. For synchronous operation in which acquisi- tion must begin simultaneously with the stimulus output, the DAC488HR’s TTL trigger output is connected directly with the ADC488A’s TTL trigger input; for non- synchronous operation in which acquisi- tion must begin at a specified time after the stimulus output, the DAC488HR’s trig- ger output can be “delayed” up to 65,535 update clock counts. Multi-DAC488HR Synchronization Multiple DAC488HRs can be configured in master/slave mode to synchronously output data either from their internal buffers, or continuously from the IEEE 488 bus. When daisy-chained together using the CA-112 master-slave cable, the number of DAC488HRs in a system is limited only by the number of available IEEE 488 addresses, and the trigger “la- tency” between each unit is 60 ns*. For applications that require non-additive trig- ger latencies, the DAC488HRs can be con- figured in parallel, limiting total system trigger latency to 60 ns. Continuously output a standard wave function under program control Output a series of voltage values based on TTL triggers Initiate a trigger delay from 1 to 65,535 update clock pulses Synchronously output multiple waveforms under program control Output a standard waveform acquired by the ADC488A series digitizer Continuously output a large arbitrary waveform from the IEEE 488 bus at up to 200 Kbytes/s Standard function generator outputs for general purpose applications Sequenced V out for controlling power supplies or other analog programmable instruments Allows a device under test (DUT) to attain a steady state prior to measurement Ideal for stimulus/response applications with critical time and phase relationships Ideal for simulating complex signals such as EKGs and contact bounce For audio system testing, speech research, and other tests requiring long-time waveform generation Waveform(s) Functional Requirement Typical Application T1 T2 T3 T4 trigger event trigger delay Analog output signal * A system with one master and three slave units will have a total system trigger latency of 180 ns |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |