Electronic Components Datasheet Search
  English  ▼

X  

DS14C335 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C335
Description  3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C335 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS14C335 Datasheet HTML 1Page - National Semiconductor (TI) DS14C335 Datasheet HTML 2Page - National Semiconductor (TI) DS14C335 Datasheet HTML 3Page - National Semiconductor (TI) DS14C335 Datasheet HTML 4Page - National Semiconductor (TI) DS14C335 Datasheet HTML 5Page - National Semiconductor (TI) DS14C335 Datasheet HTML 6Page - National Semiconductor (TI) DS14C335 Datasheet HTML 7Page - National Semiconductor (TI) DS14C335 Datasheet HTML 8Page - National Semiconductor (TI) DS14C335 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics (Notes 2, 3) (Continued)
Over recommended operating conditions, SD = 0.8V, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVER CHARACTERISTICS (Note 4)
R5, 2.0V
≤ SD ≤ 5.5V
2.0
2.8
V
V
TL
Input Low Threshold
Voltage
R1–R5, SD = 0.8V
0.4
1.1
V
R5, 2.0V
≤ SD ≤ 5.5V
0.1
0.5
V
V
HY
Hysteresis
50
300
mV
R
IN
Input Resistance
V
IN = ±3V to ±15V
3.0
3.8
7.0
k
Ω
I
IN
Input Current
V
IN = +15V
2.14
5.0
mA
V
IN = +3V
0.43
1.0
mA
V
IN = −3V
−1.0
−0.43
mA
V
IN = −15V
−5.0
−2.14
mA
V
OH
High Level Output
Voltage
V
IN = −3V, IOH = −1 mA
2.4
3.1
V
V
IN = −3V, IOH = −100 µA
2.8
3.28
V
V
OL
Low Level Output
Voltage
V
IN = +3V, IOL = +2 mA
0.23
0.4
V
Switching Characteristics (Note 2)
Over recommended operating conditions, SD = 0.8V, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER CHARACTERISTICS
t
PLH
Propagation Delay LOW to
HIGH
R
L =3 kΩ
C
L =50 pF
(
Figures 1, 2)
0.1
0.6
1.0
µs
t
PHL
Propagation Delay HIGH to
LOW
0.1
0.6
1.0
µs
t
SK
Skew |t
PLH–tPHL|
0
0.2
µs
SR1
Output Slew Rate
R
L =3 kΩ to7kΩ,CL = 50pF(Figure 2)
4
13
30
V/µs
SR2
Output Slew Rate
R
L =3 kΩ,CL = 2500 pF (Figure 2)
4
10
30
V/µs
t
PLS
Propagation Delay LOW to SD
(
Figures 5, 6)
R
L =3 kΩ
C
L =50 pF
0.48
ms
t
PSL
Propagation Delay SD to LOW
1.88
ms
t
PHS
Propagation Delay HIGH to SD
0.62
ms
t
PSH
Propagation Delay SD to HIGH
1.03
ms
RECEIVER CHARACTERISTICS
t
PLH
Propagation Delay LOW to
HIGH
C
L =50 pF
(
Figures 3, 3)
0.1
0.4
1.0
µs
t
PHL
Propagation Delay HIGH to
LOW
0.1
0.6
1.0
µs
t
SK
Skew |t
PLH–tPHL|
0.2
0.8
µs
t
PLS
Propagation Delay LOW to SD
(
Figures 7, 8)
R
L =1 kΩ
C
L =50 pF
R1–R4 Only
0.13
µs
t
PSL
Propagation Delay SD to LOW
1.0
µs
t
PHS
Propagation Delay HIGH to SD
0.19
µs
t
PSH
Propagation Delay SD to HIGH
0.58
µs
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 3.3V and TA = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground unless otherwise speci-
fied.
Note 4: Receiver characteristics are guaranteed for SD = 0.8V. When SD = 2.0V, receiver five (R5) is active and meets receiver parameters in SHUTDOWN (SD)
mode, unless otherwise specified.
Note 5: Generator characteristics for driver input: f = 64 kHz (128 kbits/sec), tr =tf < 10 ns, VIH =3V, VIL = 0V, duty cycle = 50%.
Note 6: Generator characteristics for receiver input: f = 64 kHz (128 kbits/sec), tr =tf = 200 ns, VIH =3V, VIL = −3V, duty cycle = 50%.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com