Electronic Components Datasheet Search
  English  ▼

X  

DS14C335 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C335
Description  3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C335 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  DS14C335 Datasheet HTML 1Page - National Semiconductor (TI) DS14C335 Datasheet HTML 2Page - National Semiconductor (TI) DS14C335 Datasheet HTML 3Page - National Semiconductor (TI) DS14C335 Datasheet HTML 4Page - National Semiconductor (TI) DS14C335 Datasheet HTML 5Page - National Semiconductor (TI) DS14C335 Datasheet HTML 6Page - National Semiconductor (TI) DS14C335 Datasheet HTML 7Page - National Semiconductor (TI) DS14C335 Datasheet HTML 8Page - National Semiconductor (TI) DS14C335 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Application Information
9-Pin SERIAL PORT APPLICATION
In a typical Data Terminal Equipment (DTE) to Data
Circuit-Terminating Equipment (DCE) 9-pin de-facto inter-
face implementation, 2 data lines and 6 control lines are re-
quired. The data lines are TXD and RXD and the control
lines are RTS, DTR, DSR, DCD, CTS and RI. The
DS14C335 is a 3 x 5 Driver/Receiver and offers a single chip
solution for the DTE interface as shown in
Figure 9.
Ring Indicator (RI) is used to inform the DTE that an incom-
ing call is coming from a remote DCE. When the DS14C335
is in SHUTDOWN (SD) mode, receiver five (R5) remains ac-
tive and monitors RI circuit. This active receiver (R5) alerts
the DTE to switch the DS14C335 from SHUTDOWN to ac-
tive mode.
MOUSE DRIVING
The DS14C335 was tested for drive current under the follow-
ing mouse driving conditions:
•
Two driver outputs set at V
OH and their outputs were tied
together (paralleled), sourcing current to supply the V+
terminal of the mouse electronics
•
One driver output set at V
OL to sink the current from the
V− terminal of the mouse electronics
•
One receiver was used to accept data from the mouse
•
Power Supply Voltage (V
CC): 3.0V to 3.6V
Completion of the testing (performed by National’s Data
Transmission Applications Group and a major PC manufac-
turer) concluded that the DS14C335 and it’s DC-DC Conver-
tor supplied adequate drive capability to power a typical PC
mouse. The mouse tested was specified with the following
conditions:
10 mA at +6V
5.0 mA at −6V
Since driver current is limited, it is recommended that newer
lower power mice be specified for battery powered applica-
tions. Using older high power mice is wasteful of precious
battery charge.
EXTERNAL DC-DC CONVERTOR COMPONENTS
The DS14C335 with it’s unique DC-DC Convertor triples the
power supply voltage (3.0V) to +9.3V and then inverts it to a
−9V potential. This unique convertor ONLY requires 5 exter-
nal surface mount 0.47 µF capacitors. The five identical
components were chosen to simplify PCB layout and the
procurement of components. The DS14C335’s DC-DC Con-
vertor also provides a larger signal swing (higher at RS-232
standard data rates) which translates to more noise margin
for the rejection of ground potential differences, induced
noise, and crosstalk compared to other DC-DC convertor
schemes which only provide limited signal swing and limited
noise margin.
DC-DC CONVERTOR CAPACITORS
The use of polarized capacitors is not required. However, if
they are used, the polarity indicated in the DS14C335 Func-
tional Diagram must be honored for proper operation. Sur-
face mount capacitors or ceramic capacitors may be used,
however, for optimal efficiency, capacitors with a low effec-
tive series resistance (ESR) should be used. Values in the
low Ohms(
Ω) is normally acceptable.
INTEROPERATION WITH +5V UARTs
The DS14C335 provides full RS-232 driver output levels and
a single chip solution for the popular 9-pin defacto serial port.
This device may be used in either pure +3V applications or
DS011734-11
FIGURE 9. Typical DTE Application
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com