Electronic Components Datasheet Search
  English  ▼

X  

LM77 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM77
Description  9-Bit Sign Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM77 Datasheet(HTML) 3 Page - Texas Instruments

  LM77 Datasheet HTML 1Page - Texas Instruments LM77 Datasheet HTML 2Page - Texas Instruments LM77 Datasheet HTML 3Page - Texas Instruments LM77 Datasheet HTML 4Page - Texas Instruments LM77 Datasheet HTML 5Page - Texas Instruments LM77 Datasheet HTML 6Page - Texas Instruments LM77 Datasheet HTML 7Page - Texas Instruments LM77 Datasheet HTML 8Page - Texas Instruments LM77 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM77
www.ti.com
SNIS103F – JUNE 1999 – REVISED MARCH 2013
Typical Application
Figure 3. Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to 6.5V
Voltage at any Pin
−0.3V to (+VS + 0.3V )
Input Current at any Pin
5 mA
Package Input Current(2)
20 mA
T_CRIT_A and INT Output Sink Current
10 mA
T_CRIT_A and INT Output Voltage
6.5V
Storage Temperature
−65°C to +125°C
Soldering Information, Lead Temperature
ESD Susceptibility(3)
Human Body Model
2500V
Machine Model
250V
For soldering specifications: http://www.ti.com/lit/SNOA549(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5
mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 5 mA to four.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
(1) (2)
Specified Temperature Range
T MIN to TMAX
See(3)
−55°C to +125°C
Supply Voltage Range (+VS)
(4)
+3.0V to +5.5V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
LM77
θJA (thermal resistance, junction-to-ambient) when attached to a printed circuit board with 2 oz. foil is: 200°C/W for the SOIC-8
(D0008A) package, 250°C/W for the VSSOP-8 (DGK0008A) package.
(3)
While the LM77 has a full-scale-range in excess of 128°C, prolonged operation at temperatures above 125°C is not recommended.
(4)
Both part numbers of the LM77 will operate properly over the +VS supply voltage range of 3V to 5.5V . The devices are tested and
specified for rated accuracy at their nominal supply voltage. Accuracy will typically degrade 1°C/V of variation in +VS as it varies from
the nominal value.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com