Electronic Components Datasheet Search
  English  ▼

X  

LM77 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM77
Description  9-Bit Sign Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM77 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM77 Datasheet HTML 7Page - Texas Instruments LM77 Datasheet HTML 8Page - Texas Instruments LM77 Datasheet HTML 9Page - Texas Instruments LM77 Datasheet HTML 10Page - Texas Instruments LM77 Datasheet HTML 11Page - Texas Instruments LM77 Datasheet HTML 12Page - Texas Instruments LM77 Datasheet HTML 13Page - Texas Instruments LM77 Datasheet HTML 14Page - Texas Instruments LM77 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM77
www.ti.com
SNIS103F – JUNE 1999 – REVISED MARCH 2013
Reading the LM77 can take place either of two ways: If the location latched in the Pointer is correct (most of the
time it is expected that the Pointer will point to the Temperature register because it will be the data most
frequently read from the LM77), then the read can simply consist of an address byte, followed by retrieving the
corresponding number of data bytes. If the Pointer needs to be set, then an address byte, pointer byte, repeat
start, and another address byte plus required number of data bytes will accomplish a read.
The first data byte is the most significant byte with most significant bit first, permitting only as much data as
necessary to be read to determine the temperature condition. For instance, if the first four bits of the temperature
data indicates a critical condition, the host processor could immediately take action to remedy the excessive
temperature. At the end of a read, the LM77 can accept either Acknowledge or No Acknowledge from the Master
(No Acknowledge is typically used as a signal for the slave that the Master has read its last byte).
An inadvertent 8-bit read from a 16-bit register, with the D7 bit low, can cause the LM77 to stop in a state where
the SDA line is held low as shown in Figure 9. This can prevent any further bus communication until at least 9
additional clock cycles have occurred. Alternatively, the master can issue clock cycles until SDA goes high, at
which time issuing a “Stop” condition will reset the LM77.
Figure 9. Inadvertent 8-Bit Read from 16-Bit Register where D7 is Zero (“0”)
(Selects which registers will be read from or written to):
Table 1. POINTER REGISTER
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
Register Select
P0–P2: Register Select:
P2
P1
P0
Register
0
0
0
Temperature (Read only) (Power-up default)
0
0
1
Configuration (Read/Write)
0
1
0
THYST (Read/Write)
0
1
1
T_CRIT (Read/Write)
1
0
0
TLOW (Read/Write)
1
0
1
THIGH (Read/Write)
P3–P7: Must be kept zero.
Table 2. TEMPERATURE REGISTER (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Sign
Sign
Sign
Sign
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CRIT
HIGH
LOW
Status Bits
D0–D2: Status Bits
D3–D15: Temperature Data. One LSB = 0.5°C. Two's complement format.
Table 3. CONFIGURATION REGISTER (Read/Write):
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
Fault Queue
INT Polarity
T_CRIT_A
INT Mode
Shutdown
Polarity
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com