Electronic Components Datasheet Search
  English  ▼

X  

LM565 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM565
Description  Phase Locked Loop
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM565 Datasheet(HTML) 3 Page - Texas Instruments

  LM565 Datasheet HTML 1Page - Texas Instruments LM565 Datasheet HTML 2Page - Texas Instruments LM565 Datasheet HTML 3Page - Texas Instruments LM565 Datasheet HTML 4Page - Texas Instruments LM565 Datasheet HTML 5Page - Texas Instruments LM565 Datasheet HTML 6Page - Texas Instruments LM565 Datasheet HTML 7Page - Texas Instruments LM565 Datasheet HTML 8Page - Texas Instruments LM565 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
OBSOLETE
LM565, LM565C
www.ti.com
SNOSBU1B – MAY 1999 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage
±12V
Power Dissipation(3)
1400 mW
Differential Input Voltage
±1V
Operating Temperature Range
LM565H
−55°C to +125°C
LM565CN
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum junction temperature of the LM565 and LM565C is +150°C. For operation at elevated temperatures, devices in the TO-5
package must be derated based on a thermal resistance of +150°C/W junction to ambient or +45°C/W junction to case. Thermal
resistance of the dual-in-line package is +85°C/W.
Electrical Characteristics
AC Test Circuit, TA = 25°C, VCC = ±6V
LM565
LM565C
Parameter
Conditions
Units
Min
Typ
Max
Min
Typ
Max
Power Supply Current
8.0
12.5
8.0
12.5
mA
Input Impedance (Pins 2, 3)
−4V < V2, V3 < 0V
7
10
5
k
Ω
VCO Maximum Operating Frequency Co = 2.7 pF
300
500
250
500
kHz
VCO Free-Running Frequency
Co = 1.5 nF
Ro = 20 kΩ
−10
0
+10
−30
0
+30
%
fo = 10 kHz
Operating Frequency
−100
−200
ppm/°C
Temperature Coefficient
Frequency Drift with
0.1
1.0
0.2
1.5
%/V
Supply Voltage
Triangle Wave Output Voltage
2
2.4
3
2
2.4
3
Vp-p
Triangle Wave Output Linearity
0.2
0.5
%
Square Wave Output Level
4.7
5.4
4.7
5.4
Vp-p
Output Impedance (Pin 4)
5
5
k
Ω
Square Wave Duty Cycle
45
50
55
40
50
60
%
Square Wave Rise Time
20
20
ns
Square Wave Fall Time
50
50
ns
Output Current Sink (Pin 4)
0.6
1
0.6
1
mA
VCO Sensitivity
fo = 10 kHz
6600
6600
Hz/V
Demodulated Output Voltage (Pin 7)
±10% Frequency Deviation
250
300
400
200
300
450
mVp-p
Total Harmonic Distortion
±10% Frequency Deviation
0.2
0.75
0.2
1.5
%
Output Impedance (Pin 7)
3.5
3.5
k
Ω
DC Level (Pin 7)
4.25
4.5
4.75
4.0
4.5
5.0
V
Output Offset Voltage
30
100
50
200
mV
|V7 − V6|
Temperature Drift of |V7 − V6|
500
500
μV/°C
AM Rejection
30
40
40
dB
Phase Detector Sensitivity KD
0.68
0.68
V/radian
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM565 LM565C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com