Electronic Components Datasheet Search
  English  ▼

X  

LM565 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM565
Description  Phase Locked Loop
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM565 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM565 Datasheet HTML 6Page - Texas Instruments LM565 Datasheet HTML 7Page - Texas Instruments LM565 Datasheet HTML 8Page - Texas Instruments LM565 Datasheet HTML 9Page - Texas Instruments LM565 Datasheet HTML 10Page - Texas Instruments LM565 Datasheet HTML 11Page - Texas Instruments LM565 Datasheet HTML 12Page - Texas Instruments LM565 Datasheet HTML 13Page - Texas Instruments LM565 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
OBSOLETE
LM565, LM565C
www.ti.com
SNOSBU1B – MAY 1999 – REVISED APRIL 2013
APPLICATIONS INFORMATION
In designing with phase locked loops such as the LM565, the important parameters of interest are:
FREE RUNNING FREQUENCY
(1)
LOOP GAIN: relates the amount of phase change between the input signal and the VCO signal for a shift in input
signal frequency (assuming the loop remains in lock). In servo theory, this is called the “velocity error coefficient.”
(2)
The loop gain of the LM565 is dependent on supply voltage, and may be found from:
(3)
fo = VCO frequency in Hz
Vc = total supply voltage to circuit
Loop gain may be reduced by connecting a resistor between pins 6 and 7; this reduces the load impedance on
the output amplifier and hence the loop gain.
HOLD IN RANGE: the range of frequencies that the loop will remain in lock after initially being locked.
where
•
fo= free running frequency of VCO
•
Vc= total supply voltage to the circuit
(4)
THE LOOP FILTER
In almost all applications, it will be desirable to filter the signal at the output of the phase detector (pin 7); this
filter may take one of two forms:
Figure 16. Simple Lead Filter
Figure 17. Lag-Lead Filter
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM565 LM565C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com