Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC540ADBLE Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LVC540ADBLE
Description  Octal Buffers/Drivers with 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC540ADBLE Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC540ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 9Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 10Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 11Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 12Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
OE1
OE2
To Seven Other Channels
A1
Y1
1
19
2
18
SN54LVC540A, SN74LVC540A
www.ti.com
SCAS297N – JANUARY 1993 – REVISED JUNE 2014
9 Detailed Description
9.1 Overview
These devices are ideal for driving bus lines or buffer memory address registers. These devices feature inputs
and outputs on opposite sides of the package that facilitate printed circuit board layout. The 3-state control gate
is a 2-input AND gate with active-low inputs so that, if either output-enable (OE1 or OE2) input is high, all outputs
are in the high-impedance state. Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the
use of these devices as translators in a mixed 3.3-V/5-V system environment. These devices are fully specified
for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current
backflow through the devices when they are powered down. To ensure the high-impedance state during power
up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the driver.
9.2 Functional Block Diagram
Figure 4. Logic Diagram (Positive Logic)
9.3 Feature Description
•
Wide operating voltage range
–
Operates from 1.65 V to 3.6 V
•
Allows down voltage translation
–
Inputs accept voltages to 5.5 V
•
Ioff Feature
–
Allows voltages on the inputs and outputs when VCC is 0 V
9.4 Device Functional Modes
Table 1. Function Table
INPUTS
OUTPUT
Y
OE1
OE2
A
L
L
L
H
L
L
H
L
H
X
X
Z
X
H
X
Z
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN54LVC540A SN74LVC540A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com