Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC540ADBLE Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC540ADBLE
Description  Octal Buffers/Drivers with 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC540ADBLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC540ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 9Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 10Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 11Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 12Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 13Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 14Page - Texas Instruments SN74LVC540ADBLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Vcc
Unused Input
Input
Output
Input
Unused Input
Output
Frequency - MHz
0
10
20
30
40
50
60
0
50
100
150
200
250
300
D003
ICC 1.8 V
ICC 2.5 V
ICC 3.3 V
SN54LVC540A, SN74LVC540A
www.ti.com
SCAS297N – JANUARY 1993 – REVISED JUNE 2014
Typical Application (continued)
10.2.3 Application Curves
Figure 6. ICC vs Frequency at 3.3 V
11 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, 0.1
μF is recommended; if there are multiple VCC pins, then 0.01 μF or 0.022 μF is recommended for
each power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1
μF
and a 1
μF are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as
possible for best results.
12 Layout
12.1 Layout Guidelines
When using multiple bit logic devices inputs should not ever float. In many cases, functions or parts of functions
of digital logic devices are unused, for example, when only two inputs of a triple-input AND gate are used or only
3 of the 4 buffer gates are used. Such input pins should not be left unconnected because the undefined voltages
at the outside connections result in undefined operational states. Specified below are the rules that must be
observed under all circumstances. All unused inputs of digital logic devices must be connected to a high or low
bias to prevent them from floating. The logic level that should be applied to any particular unused input depends
on the function of the device. Generally they will be tied to GND or VCC whichever make more sense or is more
convenient. It is generally OK to float outputs unless the part is a transceiver. If the transceiver has an output
enable pin it will disable the outputs section of the part when asserted. This will not disable the input section of
the IO’s so they also cannot float when disabled.
12.2 Layout Example
Figure 7. Layout Diagram
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54LVC540A SN74LVC540A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com