Electronic Components Datasheet Search
  English  ▼

X  

LM9810 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM9810
Description  10/12-Bit Image Sensor Processor Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9810 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM9810 Datasheet HTML 2Page - Texas Instruments LM9810 Datasheet HTML 3Page - Texas Instruments LM9810 Datasheet HTML 4Page - Texas Instruments LM9810 Datasheet HTML 5Page - Texas Instruments LM9810 Datasheet HTML 6Page - Texas Instruments LM9810 Datasheet HTML 7Page - Texas Instruments LM9810 Datasheet HTML 8Page - Texas Instruments LM9810 Datasheet HTML 9Page - Texas Instruments LM9810 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LM9820 Electrical Characteristics (Continued)
The following specifications apply for AGND = DGND = 0V, V
A =VD = +5.0VDC,fMCLK = 24 MHz, RS =25Ω. Boldface limits
apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. All LSB limits are in units of the LM9810’s 12-bit ADC.
(Notes 7, 8, 12)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
SYSTEM CHARACTERISTICS (SEE SECTION 1.7.1, INTERNAL OFFSETS)
V
OS1
Pre-Boost Analog Channel Offset Error,
18
-22.2
LSB (min)
CIS Mode
+57
LSB (max)
V
OS2
Pre-PGA Analog Channel Offset Error
-40
-94.3
LSB (min)
+16.4
LSB (max)
V
OS3
Post-PGA Analog Channel Offset Error
-44
-121
LSB (min)
+28
LSB (max)
DC and Logic Electrical Characteristics
The following specifications apply for AGND = DGND = 0V, V
A =VD = +5.0VDC,fMCLK = 24 MHz, Rs =25Ω. Boldface limits
apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
D0–D2, MCLK, NewLine, SampCLK DIGITAL INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
D = 5.25V
2.0
V (max)
V
IN(0)
Logical “0” Input Voltage
V
D = 4.75V
0.8
V (min)
I
IN
Input Leakage Current
V
IN =VD
0.1
µA (max)
V
IN = DGND
−0.1
µA (max)
C
IN
Input Capacitance
5
pF
D0–D5, DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
V
D = 4.75V, IOUT = −360 µA
2.4
V (min)
V
D = 4.75V, IOUT = −10 µA
4.4
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
D = 5.25V, IOUT = 1.6 mA
0.4
V (max)
I
OUT
TRI-STATE® Output Current
V
OUT = DGND
0.1
µA
(D0–D5 only)
V
OUT =VD
−0.1
µA
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
Operating
45
57
mA (max)
Standby with Input Clocks Stopped
0.8
0.9
mA (max)
Standby with Input Clocks Running
3.0
mA
I
D
Digital Supply Current (Note 15)
Operating
220
320
µA (max)
Standby with Input Clocks Stopped
110
200
µA (max)
Standby with Input Clocks Running
220
µA
AC Electrical Characteristics
The following specifications apply for AGND = DGND = 0V, V
A =VD = +5.0VDC,fMCLK = 24 MHz, tMCLK = 1/fMCLK,
t
r =tf = 5 ns, Rs =25Ω. Boldface limits apply for TA =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
f
MCLK
Maximum MCLK Frequency
24
MHz (min)
MCLK Duty Cycle
40
(min)
60
(max)
t
MCLK
MCLK Period
41
ns (min)
t
SCNL
SampCLK Falling Edge before NewLine
Falling Edge
3
t
MCLK (min)
t
SampCLK
SampCLK Period
4
t
MCLK (min)
t
SampLo
Low Time for SampCLK
50
ns (min)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com