Electronic Components Datasheet Search
  English  ▼

X  

LM9810 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM9810
Description  10/12-Bit Image Sensor Processor Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9810 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM9810 Datasheet HTML 7Page - Texas Instruments LM9810 Datasheet HTML 8Page - Texas Instruments LM9810 Datasheet HTML 9Page - Texas Instruments LM9810 Datasheet HTML 10Page - Texas Instruments LM9810 Datasheet HTML 11Page - Texas Instruments LM9810 Datasheet HTML 12Page - Texas Instruments LM9810 Datasheet HTML 13Page - Texas Instruments LM9810 Datasheet HTML 14Page - Texas Instruments LM9810 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Pin Descriptions (Continued)
D1
b7,
b7,
b1,
b1
D0
b6,
b6,
b0,
b0
Input Mode
(NewLine
High)
D5-D3
Don’t Care
D2 (SCLK)
Serial Data Clock.
D1 (Latch)
Latch and Shift Enable Signal. When
D1(Latch) is low, data is shifted into
D0(SDI). When D1(Latch) goes high,
the last nine bits shifted into D0(SDI)
will be used to program the addressed
configuration register. To avoid
erroneous writes to the configuration
registers, D1(Latch) should be pulled
low when NewLine is high.
D0 (SDI)
Serial Input Data. Data is valid on
D2(SCLK) rising edge. Three address
bits followed by six data bits (MSB first)
should be shifted into D0 before
D1(Latch) goes high.
Timing Diagrams
DS100943-73
FIGURE 1. Pixel Conversion Timing and Latency
DS100943-74
FIGURE 2. SampCLK and Output Data Timing (NewLine Low)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com