Electronic Components Datasheet Search
  English  ▼

X  

LM6325 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM6325
Description  High Speed Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6325 Datasheet(HTML) 2 Page - Texas Instruments

  LM6325 Datasheet HTML 1Page - Texas Instruments LM6325 Datasheet HTML 2Page - Texas Instruments LM6325 Datasheet HTML 3Page - Texas Instruments LM6325 Datasheet HTML 4Page - Texas Instruments LM6325 Datasheet HTML 5Page - Texas Instruments LM6325 Datasheet HTML 6Page - Texas Instruments LM6325 Datasheet HTML 7Page - Texas Instruments LM6325 Datasheet HTML 8Page - Texas Instruments LM6325 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LM6125/LM6225/LM6325
High Speed Buffer
General Description
The LM6125 family of high speed unity gain buffers slew at
800 V/µs and have a small signal bandwidth of 50 MHz while
driving a 50
Ω load. These buffers drive ±300 mA peak and
do not oscillate while driving large capacitive loads. The
LM6125 contains unique features not found in power buffers;
these include current limit, thermal shutdown, electronic
shutdown, and an error flag that warns of fault conditions.
These buffers are built with National’s VIP™ (Vertically Inte-
grated PNP) process which provides fast PNP transistors
that are true complements to the already fast NPN devices.
This advanced junction-isolated process delivers high speed
performance without the need for complex and expensive di-
electric isolation.
Features
n High slew rate:
800 V/µs
n High output current:
±300 mA
n Stable with large capacitive loads
n Current and thermal limiting
n Electronic shutdown
n 5V to ±15V operation guaranteed
n Fully specified to drive 50
Ω lines
Applications
n Line Driving
n Radar
n Sonar
Simplified Schematic and Block Diagram
VIP™ is a trademark of National Semiconductor Corporation.
DS009222-1
DS009222-2
Numbers in () are for 14–pin N DIP.
December 1994
© 1999 National Semiconductor Corporation
DS009222
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com