Electronic Components Datasheet Search
  English  ▼

X  

LM6325 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM6325
Description  High Speed Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6325 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM6325 Datasheet HTML 2Page - Texas Instruments LM6325 Datasheet HTML 3Page - Texas Instruments LM6325 Datasheet HTML 4Page - Texas Instruments LM6325 Datasheet HTML 5Page - Texas Instruments LM6325 Datasheet HTML 6Page - Texas Instruments LM6325 Datasheet HTML 7Page - Texas Instruments LM6325 Datasheet HTML 8Page - Texas Instruments LM6325 Datasheet HTML 9Page - Texas Instruments LM6325 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AC Electrical Characteristics (Continued)
Note 5: For operation at elevated temperature, these devices must be derated based on a thermal resistance of
θJA and TJ max, TJ = TA + θJA PD. θJC for the
LM6125H and LM6225H is 17˚C/W. The thermal impedance
θJA of the device in the N package is 40˚C/W when soldered directly to a printed circuit board, and the
heat-sinking pins (pins 3, 4, 5, 10, 11, and 12) are connected to 2 square inches of 2 oz. copper. When installed in a socket, the thermal impedance
θJA of the N pack-
age is 60˚C/W.
Note 6: Limits are guaranteed by testing or correlation.
Note 7: The input is biased to +2.5V, and VIN swings VPP about this value. The input swing is 2 VPP at all temperatures except for the AV3 test at −55˚C where it
is reduced to 1.5 VPP.
Note 8: The Error Flag is set (low) during current limit or thermal fault detection in addition to being set by the Shutdown pin. It is an open-collector output which re-
quires an external pullup resistor.
Note 9: Slew rate is measured with a ±11V input pulse and 50
Ω source impedance at 25˚C. Since voltage gain is typically 0.9 driving a 50Ω load, the output swing
will be approximately ±10V. Slew rate is calculated for transitions between ±5V levels on both rising and falling edges. A high speed measurement is done to minimize
device heating. For slew rate versus junction temperature see typical performance curves. The input pulse amplitude should be reduced to ±10V for measurements
at temperature extremes. For accurate measurements, the input slew rate should be at least 1700 V/µs.
Note 10: The test circuit consists of the human body model of 120 pF in series with 1500
Ω.
Note 11: A military RETS specification is available on request. At the time of printing, the LM6125H/883 RETS spec complied with the Boldface limits in this column.
The LM6125H/883 may also be procured as Standard Military Drawing specification #5962-9081501MXX.
Typical Performance Characteristics T
A = 25˚C, VS= ± 15V unless otherwise specified
Frequency Response
DS009222-9
Frequency Response
DS009222-10
Slew Rate vs Temperature
DS009222-11
Overshoot vs Capacitive Load
DS009222-12
Large Signal Response
(R
L = 1kΩ)
DS009222-13
Large Signal Response
(R
L = 50Ω)
DS009222-14
Supply Current
DS009222-15
−3 dB Bandwidth
DS009222-16
Slew Rate
DS009222-17
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com