Electronic Components Datasheet Search
  English  ▼

X  

LM7372IMAX/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMAX/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMAX/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM7372IMAX/NOPB Datasheet HTML 14Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 15Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 16Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 17Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 18Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 19Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 20Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 21Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1
10
100
FREQUENCY (MHz)
1
10
100
1000
10V supply (1 amplifier)
10V supply (2 amplifiers)
30V supply
(1 amplifier)
30V supply
(2 amplifiers)
8-Pin SO PowerPAD
= 47°C/W
T = 85°C
T = 140°C
q
JA
A
J
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
Table 2. Thermal Resistance of SO PowerPAD Package
COPPER
AREA
0.5 in2
1.0 in2
2.0 in2
(EACH SIDE)
(EACH SIDE)
(EACH SIDE)
0.5 oz
Top
115
105
102
1.0 oz
Layer
91
79
72
2.0 oz
Only
74
60
52
0.5 oz
Bottom
102
88
81
1.0 oz
Layer
92
75
65
2.0 oz
Only
85
66
54
0.5 oz
Top And Bottom
83
70
63
1.0 oz
71
57
47
2.0 oz
63
48
37
Table 2 clearly demonstrates the superior thermal qualities of the exposed pad package. For example, using the
topside copper only in the same way as shown for the SOIC package (Figure 25), the SO PowerPAD requires
half the area of 1 oz copper (2 in2, total or 1300mm2), for a comparable thermal resistance of 72°C/Watt. This
gives considerably more flexibility in the PCB layout aside from using less copper.
The shape of the heat sink shown in Figure 25 is necessary to allow external components to be connected to the
package pins. If thermal vias are used beneath the SO PowerPAD to the bottom side ground plane, then a
square pattern heat sink can be used and there is no restriction on component placement on the top side of the
board. Even better thermal characteristics are obtained with bottom layer heat sinking. A 2 inch square of 0.5oz
copper gives the same thermal resistance (81°C/W) as a competitive thermally enhanced 8-Pin SOIC package
which needs two layers of 2 oz copper, each 4 in2 (for a total of 5000 mm2). With heavier copper, thermal
resistances as low as 54°C/W are possible with bottom side heat sinking only, substantially improving the long
term reliability since the maximum junction temperature is held to less than 110°C, even with an ambient
temperature of 85°C. If both top and bottom copper planes are used, the thermal resistance can be brought to
under 40°C/W.
8.3.1 High Frequency/Large Signal Swing Considerations
The LM7372 employs a unique input stage in order to support large slew rate and high output current capability
with large output swings, with a relatively low quiescent current. This input architecture boosts the device supply
current when the application demands it. The result is a supply current which increases at high enough
frequencies when the output swing is large enough with added power dissipation as a consequence.
Figure 26 shows the amount of increase in supply current as a function of frequency for various sinusoidal output
swing amplitudes:
Figure 26. Power Supply Current Increase
18
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com