Electronic Components Datasheet Search
  English  ▼

X  

LM7372IMAX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMAX/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMAX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM7372IMAX/NOPB Datasheet HTML 15Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 16Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 17Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 18Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 19Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 20Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 21Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 22Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LM7372
www.ti.com
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
Figure 26 shows that there could be 1 mA or more excess supply current per amplifier with close to full output
swing (24 VPP) when frequency is just above 1MHz (or at higher frequencies when the output swing is less). This
boost in supply current enables the output to “keep up” with high frequency/large signal output swing, but in turn,
increases the total package power dissipation and therefore raises the device junction temperature. As a
consequence, it is necessary to pay special attention to the package heatsink design for these demanding
applications, especially for ones that run at higher supply voltages. For that reason, Figure 26 has the safe
operating limits for the 8-Pin SO PowerPAD package -- for example, “30V supply (2 amplifiers)” horizontal line --
superimposed on top of it (with TJ limit of 140°C when operated at 85°C ambient), so that the designer can
readily decide whether or not there is need for additional heat sinking.
For example, if the LM7372 is operating similarly to the Figure 24 schematic with a single power supply of 10 V,
it is safe to have up to 10 VPP output swing at up to 40 MHz with no additional heat sinking. This is determined
by inspecting Figure 24 where the "10 V supply (2 amplifiers)" safe operating limit intercepts the 10 VPP swing
graph at around 40 MHz Use the "10 V supply (1 amplifier) safe operating limit in cases where the second
amplifier in the LM7372 package does not experience high frequency/high output swing conditions.
At any given “IS increase” value (y axis), the product of frequency and output swing remains essentially constant
for all output swing plots. This holds true for the lower frequency range before the plots experience a slope
increase. Therefore, if the application example just discussed operates up to 60MHz instead, it is possible to
calculate the junction-temperature-limited maximum output swing of 6.7 VPP(= 40 MHz x 10VPP/60 MHz) instead.
Please note that Figure 26 precludes any additional amplifier power dissipation related to load (this topic is
discussed below in detail). This load current, if large enough, will reduce the operating frequency/output swing
further. It is important to note that the LM7372 can be destroyed if it is allowed to dissipate enough power that
compromises its maximum junction temperature limit of 150°C.
With the op amp tied to a load, the device power dissipation consists of the quiescent power due to the supply
current flow into the device, in addition to power dissipation due to the load current. The load portion of the
power itself could include an average value (due to a DC load current) and an AC component. DC load current
would flow if there is an output voltage offset, or the output AC average current is non-zero, or if the op amp
operates in a single supply application where the output is maintained somewhere in the range of linear
operation. Therefore:
PD(TOTAL) = PQ + PDC + PAC
(7)
PQ = |IS • VS| (Op Amp Quiescent Power Dissipation)
(8)
PDC = |IO • (VR - VO)| (DC Load Power)
(9)
For PAC, (AC Load Power) see Table 3
where:
•
IS = Supply Current
•
VS = Total Supply Voltage (V
+ - V−)
•
IO = Average Load Current
•
VO = Average Output Voltage
•
VR = Reference Voltage (V
+ for sourcing and V− for sinking current)
Table 3 shows the maximum AC component of the load power dissipated by the op amp for standard Sinusoidal,
Triangular, and Square Waveforms:
Table 3. Normalized Maximum AC Power Dissipated in the Output Stage for Standard Waveforms
PAC (W.Ω/V
2)
SINUSOIDAL
TRIANGULAR
SQUARE
50.7 x 10−3
46.9 x 10−3
62.5 x 10−3
The table entries are normalized to VS
2/R
L. These entries are computed at the output swing point where the
amplifier dissipation is the highest for each waveform type. To figure out the AC load current component of
power dissipation, simply multiply the table entry corresponding to the output waveform by the factor VS
2/R
L. For
example, with ±5V supplies, a 100-
Ω load and triangular output waveform, power dissipation in the output stage
is calculated as: PAC = 46.9 x 10
−3 x 102/100 = 46.9mW which contributes another 2.2°C (= 46.9mW x 47°C/W)
rise to the LM7372 junction temperature in the 8-Pin SO PowerPAD package.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com