Electronic Components Datasheet Search
  English  ▼

X  

LM8328 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LM8328
Description  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8328 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM8328 Datasheet HTML 37Page - Texas Instruments LM8328 Datasheet HTML 38Page - Texas Instruments LM8328 Datasheet HTML 39Page - Texas Instruments LM8328 Datasheet HTML 40Page - Texas Instruments LM8328 Datasheet HTML 41Page - Texas Instruments LM8328 Datasheet HTML 42Page - Texas Instruments LM8328 Datasheet HTML 43Page - Texas Instruments LM8328 Datasheet HTML 44Page - Texas Instruments LM8328 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
LM8328
www.ti.com
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
GPIOMIS1 - Masked Interrupt Status Register 1
Table 85. GPIOMIS1 - Masked Interrupt Status Register 1
Register - Name
Address
Type
Register Function
GPIOMIS1
0xDA
R
Masked interrupt status on KPY[7:0]
Bit - Name
Bit
Default
Bit Function
Masked Interrupt status data on KPY[7:0]
KPY[7:0]MIS
7:0
0x0
0: no interrupt contribution from GPIO
1: interrupt GPIO is active
GPIOMIS2 - Masked Interrupt Status Register 2
Table 86. GPIOMIS2 - Masked Interrupt Status Register 2
Register - Name
Address
Type
Register Function
GPIOMIS2
0xDB
R
Masked interrupt status on KPY[11:8]
Bit - Name
Bit
Default
Bit Function
(reserved)
7:4
(reserved)
Masked Interrupt status data on KPY[11:8]
KPY[11:8]MIS
3:0
0x0
0: no interrupt contribution from GPIO
1: interrupt GPIO is active
GPIO WAKE-UP CONTROL
GPIOWAKE0 - GPIO Wake-Up Register 0
Table 87. GPIOWAKE0 - GPIO Wake-Up Register 0
Register - Name
Address
Type
Register Function
Configures wake-up conditions for KPX[7:0]
GPIOWAKE0
0xE9
R/W
Each bit corresponds to a ball. When bit set, the corresponding ball
contributes to wakeup from auto sleep mode.
Bit - Name
Bit
Default
Bit Function
Bit 7: KPX7
KPX[7:0]WAKE
7:0
0x0
...
Bit 0: KPX0
GPIOWAKE1 - GPIO Wake-Up Register 1
Table 88. GPIOWAKE1 - GPIO Wake-Up Register 1
Register - Name
Address
Type
Register Function
Configures wake-up conditions for KPY[7:0]
GPIOWAKE1
0xEA
R/W
Each bit corresponds to a ball. When bit set, the corresponding ball
contributes to wakeup from auto sleep mode.
Bit - Name
Bit
Default
Bit Function
Bit 7: KPY7
KPY[7:0]WAKE
7:00
0x0
...
Bit 0: KPY0
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com