Electronic Components Datasheet Search
  English  ▼

X  

LM8328 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM8328
Description  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8328 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM8328 Datasheet HTML 9Page - Texas Instruments LM8328 Datasheet HTML 10Page - Texas Instruments LM8328 Datasheet HTML 11Page - Texas Instruments LM8328 Datasheet HTML 12Page - Texas Instruments LM8328 Datasheet HTML 13Page - Texas Instruments LM8328 Datasheet HTML 14Page - Texas Instruments LM8328 Datasheet HTML 15Page - Texas Instruments LM8328 Datasheet HTML 16Page - Texas Instruments LM8328 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
LM8328
www.ti.com
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
Figure 9. Example Keyscan Operation for 2 Key Press Events
and 1 Key Release Event
PWM TIMER
The LM8328 supports a timer module dedicated to smooth LED control techniques (lighting controls).
The PWM timer module consists of three independent timer units of which each can generate a PWM output with
a fixed period and automatically incrementing or decrementing variable duty cycle. The timer units are all clocked
with a slow (32.768 kHz) clock whereas the interface operates with the main system clock.
OVERVIEW OF PWM FEATURES
•
Each PWM can establish fixed — or variable — duty-cycle signal sequences on its output.
•
Each PWM can trigger execution of any pre-programmed task on another PWM channel.
•
The execution of any pre-programmed task is self-sustaining and does not require further interaction from the
host.
•
64-byte script buffer for each PWM for up to 32 consecutive instructions.
•
Direct addressing within script buffer to support multiple PWM tasks in one buffer.
OVERVIEW ON PWM SCRIPT COMMANDS
The commands listed in Table 5 are dedicated to the slow PWM timers.
NOTE
The PWM Script commands are not part of the command set supported by the LM8328
command interpreter. These commands must be transferred from the host with help of the
register-based command set.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com