Electronic Components Datasheet Search
  English  ▼

X  

SN55113 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN55113
Description  DUAL DIFFERENTIAL LINE DRIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55113 Datasheet(HTML) 3 Page - Texas Instruments

  SN55113 Datasheet HTML 1Page - Texas Instruments SN55113 Datasheet HTML 2Page - Texas Instruments SN55113 Datasheet HTML 3Page - Texas Instruments SN55113 Datasheet HTML 4Page - Texas Instruments SN55113 Datasheet HTML 5Page - Texas Instruments SN55113 Datasheet HTML 6Page - Texas Instruments SN55113 Datasheet HTML 7Page - Texas Instruments SN55113 Datasheet HTML 8Page - Texas Instruments SN55113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C − SEPTEMBER 1973 − REVISED MARCH 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic
1ZP
Pullup
V
V
V
AND
Pullup
1YP
9
Ω 4 kΩ
1 k
Ω
900
Ω
100
Ω
5 k
Ω
90
Ω
500
Ω
Input 1B
6
1YS
Output
Sink
AND
4
3
100
Ω
Output
Control
1C
4 k
Ω 1.6 kΩ
1 k
Ω
8
GND
Common Output
Control CC
Output Control 2C
Input 2A
9
10
11
12
AND Pullup 2YP
13
AND Output 2YS
15
NAND Pullup 2ZP
14
NAND Output 2ZS
333
Ω
100
Ω
500
Ω
90
Ω
900
Ω
600
Ω
600
Ω
5 k
Ω
4 k
Ω
600
Ω †
1 k
Ω
To
Other
Driver
Input 1A
5
4 k
Ω
9
Ω
100
Ω
VCC
NAND
Output
Sink
NAND
1ZS
16
2
1
V ... VCC bus
7
‡
†
†
†
† These components are common to both drivers. Resistor values shown are nominal and in ohms.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state voltage applied to open-collector outputs
12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation (see Note 2)
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN55113
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN75113
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260
°C
. . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J or W package
300
°C
. . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
FK
1375 mW
11.0 mW/
°C
880 mW
275 mW
J
1375 mW
11.0 mW/
°C
880 mW
275 mW
N
1150 mW
9.2 mW/
°C
736 mW
N/A
W
1000 mW
8.0 mW/
°C
640 mW
200 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com