Electronic Components Datasheet Search
  English  ▼

X  

SN55113 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN55113
Description  DUAL DIFFERENTIAL LINE DRIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55113 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN55113 Datasheet HTML 4Page - Texas Instruments SN55113 Datasheet HTML 5Page - Texas Instruments SN55113 Datasheet HTML 6Page - Texas Instruments SN55113 Datasheet HTML 7Page - Texas Instruments SN55113 Datasheet HTML 8Page - Texas Instruments SN55113 Datasheet HTML 9Page - Texas Instruments SN55113 Datasheet HTML 10Page - Texas Instruments SN55113 Datasheet HTML 11Page - Texas Instruments SN55113 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C − SEPTEMBER 1973 − REVISED MARCH 1997
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 4
3
2
1
0
01
2
4
5
6
34
OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
VI − Data Input Voltage − V
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
No Load
TA = 25°C
3
2
1
0
4
5
6
Figure 5
01
23
4
OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
VI − Data Input Voltage − V
TA = 125°C
TA = 25°C
TA = − 55°C
VCC = 5 V
No Load
Figure 6
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
3
2
1
0
01
2
4
5
6
34
OUTPUT VOLTAGE
vs
INPUT VOLTAGE (OUTPUT CONTROL)
Disabled
High
VI − Input Voltage (Output Control) − V
Load = 500
Ω to GND
TA = 25°C
Figure 7
Disabled
TA = 25°C
3
2
1
0
01
2
4
5
6
34
OUTPUT VOLTAGE
vs
INPUT VOLTAGE (OUTPUT CONTROL)
VI − Input Voltage (Output Control) − V
TA = 125°C
TA = − 55°C
High
VCC = 5 V
Load = 500
Ω to GND
† Data for temperatures below 0
°C and above 70°C and for supply voltages below 4.75 V and above 5.25 V are applicable to SN55113 circuits
only. These parameters were measured with the active pullup connected to the sink output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com